Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9510 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP9510
Description  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510 Datasheet(HTML) 5 Page - Microchip Technology

  MCP9510 Datasheet HTML 1Page - Microchip Technology MCP9510 Datasheet HTML 2Page - Microchip Technology MCP9510 Datasheet HTML 3Page - Microchip Technology MCP9510 Datasheet HTML 4Page - Microchip Technology MCP9510 Datasheet HTML 5Page - Microchip Technology MCP9510 Datasheet HTML 6Page - Microchip Technology MCP9510 Datasheet HTML 7Page - Microchip Technology MCP9510 Datasheet HTML 8Page - Microchip Technology MCP9510 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22114A-page 5
MCP9509/10
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, V
DD = 2.7V to 5.5V, TA = -40°C to +125°C, GND = Ground, RPULL-UP = 10 kΩ
(MCP9509 only) and 0.1 µf bypass capacitor.
FIGURE 2-1:
Temperature Accuracy.
FIGURE 2-2:
Output Hysteresis vs.
Temperature.
FIGURE 2-3:
Output Hysteresis vs.
Temperature.
FIGURE 2-4:
Supply Current vs.
Temperature (MCP9509).
FIGURE 2-5:
Supply Current vs.
Temperature OUTSET = VDD, VSS (MCP9510).
FIGURE 2-6:
Supply Current vs.
Temperature OUTSET = Unconnected, Open
(MCP9510).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-5.0
-2.5
0.0
2.5
5.0
-40
-20
0
20
406080
100 120
Temperature (°C)
Spec. Limit
MCP9509C
MCP9509H
MCP9510C
MCP9510H
+ σ
Average
- σ
0.0
1.0
2.0
3.0
4.0
5.0
-40 -20
0
20
40
60
80 100 120
Temperature (°C)
0.0
1.0
2.0
3.0
4.0
5.0
Hysteresis (kΩ)
Hysteresis (°C)
HYST = GND
5.0
7.0
9.0
11.0
13.0
15.0
-40 -20
0
20
40
60
80 100 120
TA (°C)
5.0
6.0
7.0
8.0
9.0
10.0
Hysteresis (kΩ)
Hysteresis (°C)
HYST = VDD
10
15
20
25
30
35
40
45
50
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
VDD = 5.5V
VDD = 4.1V
VDD = 2.7V
MCP9509C
MCP9509H
10
15
20
25
30
35
40
45
50
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
VDD = 5.5V
VDD = 4.1V
VDD = 2.7V
MCP9510C
MCP9510H
OUTSET = VDD, VSS
10
15
20
25
30
35
40
45
50
-40 -20
0
20
406080 100 120
Temperature (°C)
70
75
80
85
90
95
100
105
110
MCP9510C
MCP9510H
VDD = 4.0V
Asserted,
Internal Pull-Up Current
De-Asserted
OUTSET = Open
OUT = Open-Drain Output with Internal Pull-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com