Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9510 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP9510
Description  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP9510 Datasheet HTML 8Page - Microchip Technology MCP9510 Datasheet HTML 9Page - Microchip Technology MCP9510 Datasheet HTML 10Page - Microchip Technology MCP9510 Datasheet HTML 11Page - Microchip Technology MCP9510 Datasheet HTML 12Page - Microchip Technology MCP9510 Datasheet HTML 13Page - Microchip Technology MCP9510 Datasheet HTML 14Page - Microchip Technology MCP9510 Datasheet HTML 15Page - Microchip Technology MCP9510 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP9509/10
DS22114A-page 12
© 2008 Microchip Technology Inc.
4.4
Sensor Hot/Cold Options
MCP9509/10 is available with Hot (H) and Cold (C)
options. The MCP9509/10 Hot option detects rising
temperature while the Cold option detects falling tem-
perature. The output of the Hot option asserts when
temperature rises above TSET and de-asserts when
temperature falls below THYST. The output of the Cold
option asserts when temperature falls below TSET and
de-asserts when temperature rises above THYST.
For example, if TSET = 100°C for Hot option
(Active-Low Configuration, HYST = VDD), output
asserts Low when temperature is greater than
100°C ± TACY. The output de-asserts High when
temperature is below 90°C. For the Cold option, output
asserts
Low
when
temperature
is
less
than
100°C ± TACY, and de-asserts when temperature is
greater than 110°C. This operation is shown graphically
in Figure 4-4.
4.5
RSET vs. Temperature
The relation between the user selectable external
resistor RSET and the output trigger threshold limit TSET
is described as shown in
EQUATION 4-1: “TSET to
Rset conversion” and EQUATION 4-2: “RSET to Tset
conversion”. The equation coeffcients vary depending
on the device output options, H or C. Table 4-1 shows
the corresponding coefficients.
TABLE 4-1:
COEFFICIENTS/VARIABLES
EQUATION 4-1:
TSET TO RSET
CONVERSION
EQUATION 4-2:
RSET TO TSET
CONVERSION
The equations can be used to determine the external
resistance value for a specified temperature threshold
or threshold value for a specified resistance. Table 4-2
and Table 4-3 show a look-up table which can be used
to easily identify the TSET to RSET relation for Hot and
Cold options.
Coef.
MCP9509/10H
MCP9509/10C
Units
CR1
-9.84
-10.00
10-6k
Ω/°C3
CR2
3.355
3.345
10-3k
Ω/°C2
CR3
-0.8648
-0.8610
k
Ω/°C
CT1
-20.00
-19.7
10-6°C/k
Ω3
CT2
4.136
4.179
10-3°C/k
Ω2
CT3
-1.1564
-1.1617
°C/k
Ω
R1
94.1
95.1
k
Ω
R2
145.5
146.3
k
Ω
R3
2.77
4.25
k
Ω
T1
-40.0
°C
T2
125.0
°C
Where:
CR1,2,3
=
1st, 2nd and 3rd order
Temperature to Resistance
Conversion Coefficients
(Table 4-1)
R2
=
Resistance (Table 4-1)
T1,2
=
Temperature (Table 4-1)
R
SET
C
R1TSET TSET
T
1
–
() T
SET
T
2
–
() +
=
C
R2 TSET
T
1
–
() T
SET
T
2
–
() +
C
R3 TSET
T
1
–
() R
2
+
Where:
CC1,2,3
=
1st, 2nd and 3rd order
Resistance to Temperature
Conversion Coefficients
(Table 4-1)
R1,2,3
=
Resistance (Table 4-1)
T1
=
Temperature (Table 4-1)
T
SET
C
T1 RSET
R
1
–
() R
SET
R
2
–
() R
SET
R
3
–
() +
=
C
T2 RSET
R
3
–
() R
SET
R
2
–
() +
C
T3 RSET
R
2
–
() T
1
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com