Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9510 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP9510
Description  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP9510 Datasheet HTML 5Page - Microchip Technology MCP9510 Datasheet HTML 6Page - Microchip Technology MCP9510 Datasheet HTML 7Page - Microchip Technology MCP9510 Datasheet HTML 8Page - Microchip Technology MCP9510 Datasheet HTML 9Page - Microchip Technology MCP9510 Datasheet HTML 10Page - Microchip Technology MCP9510 Datasheet HTML 11Page - Microchip Technology MCP9510 Datasheet HTML 12Page - Microchip Technology MCP9510 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22114A-page 9
MCP9509/10
3.0
PIN DESCRIPTIONS
TABLE 3-1:
PIN FUNCTION TABLE
3.1
External Resistor Input (SET)
This pin is used to connect a resistor between the SET
and GND pins to select the temperature trip point
(TSET). The resistor value can be determined either
from Equation 4-2 or the lookup table shown in
Table 4-2.
3.2
Ground (GND)
The GND pin is the system ground pin.
3.3
Hysteresis Input (HYS)
This is an input pin which can be connected to VDD or
GND
to
select
output
hysteresis.
Either
2°C
(HYS = GND) or 10°C (HYS = VDD) of hysteresis can
be selected.
3.4
Power Pin (VDD)
The operating voltage range, as specified in the DC
electrical specification table, is applied on this pin.
3.5
Open-Drain Output (OUT)
(MCP9509)
This output is triggered when temperature exceeds the
programmed trip temperature. This pin requires a
pull-up resistor.
3.6
Selectable Output (OUT, OUT)
(MCP9510)
The output pin can be configured as either a Push-Pull
Active-High, Push-Pull Active-Low, or an Open-drain
Output with an internal pull-up resistor. The three
output options of the MCP9510 are selected by the
OUTSET pin.
3.7
Output Control (OUTSET)
(MCP9510)
The OUTSET pin is used to select the desired
configuration of the OUT or OUT pin.
TABLE 3-1:
OUTSET SELECTABLE
OUTPUTS
MCP9509 MCP9510
Symbol
Description
SOT-23-5
SOT-23-6
1
1
SET
External Trip Temperature Resistor (RSET) input
2
2
GND
Ground
3—
OUT
Open-drain output
—3
OUT,
OUT
Selectable Output pin,
function set by OUTSET pin
4
4
HYS
Hysteresis Input
HYS = GND, hysteresis is 2°C
HYS = VDD, hysteresis is 10°C
56
VDD
Power pin
—
5
OUTSET Output Control
OUTSET = GND, Active-Low, Push-Pull
OUTSET = VDD, Active-High, Push-Pull
OUTSET = Unconnected, Active-Low, Open-Drain with an internal pull-up
OUTSET Pin
OUT / OUT Pin
GND
Push-Pull, Active-Low
VDD
Push-Pull, Active-High
unconnected
(i.e. open)
Open-Drain output with an
internal pull-up resistor of
100 k
Ω (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com