Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C71 Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16C71
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C71 Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16C71 Datasheet HTML 61Page - Microchip Technology PIC16C71 Datasheet HTML 62Page - Microchip Technology PIC16C71 Datasheet HTML 63Page - Microchip Technology PIC16C71 Datasheet HTML 64Page - Microchip Technology PIC16C71 Datasheet HTML 65Page - Microchip Technology PIC16C71 Datasheet HTML 66Page - Microchip Technology PIC16C71 Datasheet HTML 67Page - Microchip Technology PIC16C71 Datasheet HTML 68Page - Microchip Technology PIC16C71 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 337 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 65
PIC16C6X
7.0
TIMER0 MODULE
The Timer0 module has the following features:
• 8-bit timer/counter register, TMR0
- Read and write capability
- Interrupt on overflow from FFh to 00h
• 8-bit software programmable prescaler
• Internal or external clock select
- Edge select for external clock
Figure 7-1 is a simplified block diagram of the Timer0
module.
Timer mode is selected by clearing bit T0CS
(OPTION<5>). In timer mode, the Timer0 module will
increment every instruction cycle (without prescaler). If
TMR0 register is written, the increment is inhibited for
the following two instruction cycles (Figure 7-2 and
Figure 7-3). The user can work around this by writing
an adjusted value to the TMR0 register.
Counter mode is selected by setting bit T0CS. In this
mode, Timer0 will increment either on every rising or
falling edge of pin RA4/T0CKI. The incrementing edge
is determined by the source edge select bit T0SE
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
(OPTION<4>). Clearing bit T0SE selects the rising
edge. Restrictions on the external clock input are dis-
cussed in detail in Section 7.2.
The prescaler is mutually exclusively shared between
the Timer0 module and the Watchdog Timer. The pres-
caler assignment is controlled in software by control bit
PSA (OPTION<3>). Clearing bit PSA will assign the
prescaler to the Timer0 module. The prescaler is not
readable or writable. When the prescaler is assigned to
the Timer0 module, prescale values of 1:2, 1:4, ...,
1:256 are selectable. Section 7.3 details the operation
of the prescaler.
7.1
TMR0 Interrupt
The TMR0 interrupt is generated when the register
(TMR0) overflows from FFh to 00h. This overflow sets
interrupt flag bit T0IF (INTCON<2>). The interrupt can
be masked by clearing enable bit T0IE (INTCON<5>).
Flag bit T0IF must be cleared in software by the TImer0
interrupt service routine before re-enabling this inter-
rupt. The TMR0 interrupt cannot wake the processor
from SLEEP since the timer is shut off during SLEEP.
Figure 7-4 displays the Timer0 interrupt timing.
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
FIGURE 7-1:
TIMER0 BLOCK DIAGRAM
FIGURE 7-2:
TIMER0 TIMING: INTERNAL CLOCK/NO PRESCALER
Note 1:
Bits, T0CS, T0SE, PSA, and PS2, PS1, PS0 are (OPTION<5:0).
2:
The prescaler is shared with Watchdog Timer (refer to Figure 7-6 for detailed diagram).
RA4/T0CKI
T0SE
0
1
1
0
pin
T0CS
FOSC/4
Programmable
Prescaler
Sync with
Internal
clocks
TMR0 reg
PSout
(2 cycle delay)
PSout
Data bus
8
Set bit T0IF
on overflow
PSA
PS2, PS1, PS0
3
PC-1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
PC
(Program
Counter)
Instruction
Fetch
TMR0
PC
PC+1
PC+2
PC+3
PC+4
PC+5
PC+6
T0
T0+1
T0+2
NT0
NT0
NT0
NT0+1
NT0+2
MOVWF TMR0
MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
MOVF TMR0,W
Write TMR0
executed
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0
Read TMR0
reads NT0 + 1
Read TMR0
reads NT0 + 2
Instruction
Executed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com