Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C71 Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC16C71
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C71 Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC16C71 Datasheet HTML 71Page - Microchip Technology PIC16C71 Datasheet HTML 72Page - Microchip Technology PIC16C71 Datasheet HTML 73Page - Microchip Technology PIC16C71 Datasheet HTML 74Page - Microchip Technology PIC16C71 Datasheet HTML 75Page - Microchip Technology PIC16C71 Datasheet HTML 76Page - Microchip Technology PIC16C71 Datasheet HTML 77Page - Microchip Technology PIC16C71 Datasheet HTML 78Page - Microchip Technology PIC16C71 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 337 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 75
PIC16C6X
9.0
TIMER2 MODULE
Timer2 is an 8-bit timer with a prescaler and a
postscaler. It is especially suitable as PWM time-base
for PWM mode of CCP module(s). TMR2 is a readable
and writable register, and is cleared on any device
reset.
The input clock (FOSC/4) has a prescale option of 1:1,
1:4
or
1:16,
selected
by
control
bits
T2CKPS1:T2CKPS0 (T2CON<1:0>).
The Timer2 module has an 8-bit period register, PR2.
Timer2 increments from 00h until it matches PR2 and
then resets to 00h on the next increment cycle. PR2 is
a readable and writable register. The PR2 register is ini-
tialized to FFh upon reset.
The match output of the TMR2 register goes through a
4-bit postscaler (which gives a 1:1 to 1:16 scaling,
inclusive) to generate a TMR2 interrupt (latched in flag
bit TMR2IF (PIR1<1>)).
The Timer2 module can be shut off by clearing control
bit TMR2ON (T2CON<2>) to minimize power con-
sumption.
Figure 9-2 shows the Timer2 control register. T2CON is
cleared upon reset which initializes Timer2 as shut off
with the prescaler and postscaler at a 1:1 value.
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
9.1
Timer2 Prescaler and Postscaler
The prescaler and postscaler counters are cleared
when any of the following occurs:
• a write to the TMR2 register
• a write to the T2CON register
• any device reset (POR, BOR, MCLR Reset, or
WDT Reset).
TMR2 is not cleared when T2CON is written.
9.2
Output of TMR2
The output of TMR2 (before the postscaler) is fed to the
Synchronous Serial Port module which optionally uses
it to generate shift clock.
FIGURE 9-1:
TIMER2 BLOCK DIAGRAM
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
Comparator
TMR2
Sets
interrupt
TMR2IF
TMR2 reg
output(1)
Reset
Postscaler
Prescaler
PR2 reg
2
Fosc/4
1:1 to 1:16
1:1, 1:4, 1:16
EQ
4
TMR2
flag bit,
Note
1:
TMR2 register output can be software selected by
the SSP Module as a baud clock.
FIGURE 9-2:
T2CON: TIMER2 CONTROL REGISTER (ADDRESS 12h)
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON
T2CKPS1 T2CKPS0
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7:
Unimplemented: Read as '0'
bit 6-3:
TOUTPS3:TOUTPS0: Timer2 Output Postscale Select bits
0000
= 1:1 postscale
0001
= 1:2 postscale
•
•
1111
= 1:16 postscale
bit 2:
TMR2ON: Timer2 On bit
1 = Timer2 is on
0 = Timer2 is off
bit 1-0:
T2CKPS1:T2CKPS0: Timer2 Clock Prescale Select bits
00
= 1:1 prescale
01
= 1:4 prescale
1x
= 1:16 prescale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com