Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C71 Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16C71
Description  8-Bit CMOS Microcontrollers
PDF  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C71 Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16C71 Datasheet HTML 79Page - Microchip Technology PIC16C71 Datasheet HTML 80Page - Microchip Technology PIC16C71 Datasheet HTML 81Page - Microchip Technology PIC16C71 Datasheet HTML 82Page - Microchip Technology PIC16C71 Datasheet HTML 83Page - Microchip Technology PIC16C71 Datasheet HTML 84Page - Microchip Technology PIC16C71 Datasheet HTML 85Page - Microchip Technology PIC16C71 Datasheet HTML 86Page - Microchip Technology PIC16C71 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 337 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 83
PIC16C6X
11.0
SYNCHRONOUS SERIAL
PORT (SSP) MODULE
11.1
SSP Module Overview
The Synchronous Serial Port (SSP) module is a serial
interface useful for communicating with other peripheral
or microcontroller devices. These peripheral devices
may be Serial EEPROMs, shift registers, display driv-
ers, A/D converters, etc. The SSP module can operate
in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C)
The SSP module in I2C mode works the same in all
PIC16C6X devices that have an SSP module. However
the SSP Module in SPI mode has differences between
the PIC16C66/67 and the other PIC16C6X devices.
The register definitions and operational description of
SPI mode has been split into two sections because of
the differences between the PIC16C66/67 and the
other PIC16C6X devices. The default reset values of
both the SPI modules is the same regardless of the
device:
11.2 SPI Mode for PIC16C62/62A/R62/63/R63/64/
64A/R64/65/65A/R65 .......................................84
11.3 SPI Mode for PIC16C66/67..............................89
11.4 I2C™ Overview ................................................95
11.5 SSP I2C Operation...........................................99
Refer to Application Note AN578,
“Use of the SSP Mod-
ule in the I 2C Multi-Master Environment.”
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com