Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1747 Datasheet(PDF) 12 Page - ams AG

Part # AS1747
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1747 Datasheet(HTML) 12 Page - ams AG

Back Button AS1747 Datasheet HTML 8Page - ams AG AS1747 Datasheet HTML 9Page - ams AG AS1747 Datasheet HTML 10Page - ams AG AS1747 Datasheet HTML 11Page - ams AG AS1747 Datasheet HTML 12Page - ams AG AS1747 Datasheet HTML 13Page - ams AG AS1747 Datasheet HTML 14Page - ams AG AS1747 Datasheet HTML 15Page - ams AG AS1747 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
11 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - Ti m i n g D i a g r a m s
10 Timing Diagrams
Figure 19. Switching Time
Figure 20. Break-Before-Make Interval
Figure 21. Charge Injection
VOUT
CL
RL
VN_
VCC
VCC
COM_
IN_
NO_
OR NC_
GND
Logic
Input
CL includes fixture and stray capacitance
VOUT = VN_(RL / (RL + RON))
50%
tr < 5ns
tf < 5ns
0V
0V
VOUT
tON
tOFF
0.9 x VOUT
0.9 x VOUT
Logic
Input
Switch
Output
VCC
IN depends on switch configuration;
Input polarity determined by sense of switch.
VOUT
CL
RL
VN_
VCC
VCC
COM_
IN_
NO_
GND
Logic
Input
CL includes fixture and stray capacitance
50%
0V
VOUT
tBBM
0.9 x VOUT
Logic
Input
VCC
NC_
VOUT
CL
VCC
VCC
COM_
NC_
OR NO_
Logic input waveforms inverted for switches
that have the opposite logic sense.
GND
VIL to VIH
RGEN
VGEN
+
IN_
ΔVOUT
VOUT
Q = (
ΔVOUT)(CL)
ON
ON
OFF
OFF
OFF
OFF
IN
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com