Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1747 Datasheet(PDF) 13 Page - ams AG

Part # AS1747
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1747 Datasheet(HTML) 13 Page - ams AG

Back Button AS1747 Datasheet HTML 9Page - ams AG AS1747 Datasheet HTML 10Page - ams AG AS1747 Datasheet HTML 11Page - ams AG AS1747 Datasheet HTML 12Page - ams AG AS1747 Datasheet HTML 13Page - ams AG AS1747 Datasheet HTML 14Page - ams AG AS1747 Datasheet HTML 15Page - ams AG AS1747 Datasheet HTML 16Page - ams AG AS1747 Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
12 - 16
AS1747, AS1748, AS1749, AS1750
Datasheet - Ti m i n g D i a g r a m s
Figure 22. On-Loss, Off-Isolation, and Crosstalk
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
Network Analyzer
GND
0V or VCC
VCC
REF
MEAS
VOUT
VIN
+5V
10nF
IN_
NC1
NO1*
COM1
AS1747
Off-Isolation = 20log
VOUT
VIN
----------------
On-Loss = 20log
VOUT
VIN
----------------
Crosstalk = 20log
VOUT
VIN
----------------
*For crosstalk this pin is NO2.
NC2 and COM2 are open.
Measurements are standardized against shorts at IC terminals. Off-Isolation is
measured between COM_
and “OFF” NO_ or NC_ terminal on each switch. On-Loss is measured between
COM_ and “ON” NO_ or NC_ terminal on each switch. Crosstalk is measured from
one channel to the other channel. Signal direction through switch is reversed;
worst values are recorded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com