Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1747 Datasheet(PDF) 2 Page - ams AG

Part # AS1747
Description  Low-Voltage, Dual SPDT, Audio Clickless Switches with Negative Rail Capability
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1747 Datasheet(HTML) 2 Page - ams AG

  AS1747 Datasheet HTML 1Page - ams AG AS1747 Datasheet HTML 2Page - ams AG AS1747 Datasheet HTML 3Page - ams AG AS1747 Datasheet HTML 4Page - ams AG AS1747 Datasheet HTML 5Page - ams AG AS1747 Datasheet HTML 6Page - ams AG AS1747 Datasheet HTML 7Page - ams AG AS1747 Datasheet HTML 8Page - ams AG AS1747 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AS1747, AS1748, AS1749, AS1750
Low-Vo ltage, Dual SPDT, A udio Clickless Switches with
Negative Rail Capability
www.austriamicrosystems.com/Analog-Switches/AS1747-50
Revision 1.02
1 - 16
Data sheet
1 General Description
The SPDT (single-pole/double-throw) switches AS1747,
AS1748, AS1749 and AS1750 allow signals below
ground to pass through without distortion. These analog
switches are ideal for switching audio signals, due to
their supply voltage from +1.8V to +5.5V and their low
0.4
Ω on-resistance.
An included comparator offers the AS1748 and AS1750
with headphone detection or mute/send key function.
To reduce click-and-pop sounds when switching
between pre-charged points the AS1749 and AS1750
have an internal shunt switch. This shunt switch auto-
matically discharges any capacitance at the NO and NC
connection points.
This SPDT switch is available in space-saving 10-pin
TDFN 3x3 packages and operate over the -40ºC to
+85ºC extended temperature range.
Figure 1. Typical Operating Circuit
2 Key Features
!
Distortion -Free Negative Signal Throughput Down
to VCC - 5.5V
!
Comparator for Headphone or Mute Detection
(AS1748/AS1750)
!
Internal Shunt Resistor Reduces Click/Pop
(AS1749/AS1750)
!
Low On-Resistance (RON)
0.4
Ω at +2.7V Supply
!
0.25
Ω On-Resistance Flatness
!
0.03
Ω On-Resistance Matching
!
+1.8V to +5.5V Supply Voltage
!
-90dB Crosstalk (100kHz)
!
-65dB Off-Isolation (100kHz)
!
0.01% Total Harmonic Distortion
!
Available in 10-pin TDFN 3x3, 16-pin TQFN 3x3,
and 12-Bump WL-CSP Packages
3 Applications
The device is ideal for cell phones, PDAs and hand-held
devices, notebook computers and MP3 players.
Audio
Source 1
Audio
Source 2
Out+
Out-
Out+
Out-
CMPO
NO2
NC2
NO1
NC1
Mute
IN1
COM1
IN2
COM2
CMP-
Mute
Button
V+
Shunt
Switch
+
-
8
Ω
Speaker
Input
Select
V+/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com