Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1923 Datasheet(PDF) 2 Page - ams AG

Part # AS1923
Description  Quad-Voltage Microprocessor Supervisory Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1923 Datasheet(HTML) 2 Page - ams AG

  AS1923 Datasheet HTML 1Page - ams AG AS1923 Datasheet HTML 2Page - ams AG AS1923 Datasheet HTML 3Page - ams AG AS1923 Datasheet HTML 4Page - ams AG AS1923 Datasheet HTML 5Page - ams AG AS1923 Datasheet HTML 6Page - ams AG AS1923 Datasheet HTML 7Page - ams AG AS1923 Datasheet HTML 8Page - ams AG AS1923 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AS1923
Quad-Voltage Microprocessor Supervisory Circuit
www.austriamicrosystems.com/Supervisors/AS1923
Revision 1.01
1 - 16
Data sheet
1 General Description
The AS1923 microprocessor supervisory circuit was designed to
monitor up to four system supply voltages without the need for exter-
nal components, and asserts a single reset if any of the monitored
supply voltages drops below its reset threshold.
The AS1923 features an active-low reset output that is asserted
when any of the 4 monitored voltages are below their respective
reset threshold. The reset output is open-drain with a weak internal
pullup (10µA) to IN2. Reset remains low for a specified reset timeout
period (120ms min) after all voltages have stabilized. The output is
valid as long as the IN1 or IN2 input voltage remains >1V.
Minimal external component requirements, small size, and wide tem-
perature range (-40 to +85°C) greatly improves reliability compared
to individual supervisory circuits or discrete components.
A wide range of factory-trimmed threshold voltages are available to
accommodate many different supply voltages/tolerances with mini-
mal external component requirements.
Factory-trimmed options are available for monitoring +5.0, +3.3,
+3.0, +2.5, +1.8, and -5.0V supplies with -5% and/or -10% toler-
ances. The device is also available with one or two user-adjustable
threshold options (via external resistor-divider network) if non-stan-
dard voltage thresholds are required.
The AS1923 is available in an 6-pin SOT23 package.
Figure 1. AS1923 - Typical Application
2 Key Features
Simultaneous Quad-Voltage Monitoring
Precision Factory-Trimmed Reset Threshold Options: +5.0,
+3.3, +3.0, +2.5, +1.8, and -5.0V
User-Adjustable Voltage Monitoring Threshold Options
Low Supply Current: 55µA
Open-Drain – AS1923A
10µA Current Source Pullup – AS1923B
Reset Timeout Period: 120ms
RESET Valid to IN1 = 1V or IN2 = 1V
Immune to Fast INx Transients
External Components not Required
Guaranteed Performance: Operating Temperature Range = -40
to +85ºC
6-pin SOT23 Package
3 Applications
The device is ideal for portable and battery-powered systems,
embedded controllers, intelligent instruments, automotive systems,
critical CPU monitoring, and any multi-supply application.
4
IN1
GND
2
AS1923
CPU
Monitoring
Voltage 1
Monitoring
Voltage 2
Monitoring
Voltage 3
Monitoring
Voltage 4
6
IN3
1
IN4
5
IN2
3
RESETN
RESETN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com