Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1923 Datasheet(PDF) 3 Page - ams AG

Part # AS1923
Description  Quad-Voltage Microprocessor Supervisory Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1923 Datasheet(HTML) 3 Page - ams AG

  AS1923 Datasheet HTML 1Page - ams AG AS1923 Datasheet HTML 2Page - ams AG AS1923 Datasheet HTML 3Page - ams AG AS1923 Datasheet HTML 4Page - ams AG AS1923 Datasheet HTML 5Page - ams AG AS1923 Datasheet HTML 6Page - ams AG AS1923 Datasheet HTML 7Page - ams AG AS1923 Datasheet HTML 8Page - ams AG AS1923 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.austriamicrosystems.com/Supervisors/AS1923
Revision 1.01
2 - 16
AS1923
Datasheet - Pinout
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
IN4
Input Voltage 4. See Ordering Information on page 14 for monitored voltages.
2
GND
Ground
3
RESETN
Reset Output. AS1923A (see Ordering Information on page 14) supports an external pullup resistor; AS1923B
contains an internal 10µA current source pullup. RESETN goes low (reset asserted) when any one of the INx
voltages goes below its specified threshold. After all inputs have stabilized, RESETN remains low for at least
120ms (min) before going high.
4
IN1
Input Voltage 1. See Ordering Information on page 14 for monitored voltages.
5
IN2
Input Voltage 2. See Ordering Information on page 14 for monitored voltages.
Note:
IN2 is the power supply input for the AS1923.
6
IN3
Input Voltage 3. See Ordering Information on page 14 for monitored voltages.
2
GND
3
RESETN
1
IN4
4 IN1
5 IN2
6 IN3
AS1923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com