Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1923 Datasheet(PDF) 5 Page - ams AG

Part # AS1923
Description  Quad-Voltage Microprocessor Supervisory Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1923 Datasheet(HTML) 5 Page - ams AG

  AS1923 Datasheet HTML 1Page - ams AG AS1923 Datasheet HTML 2Page - ams AG AS1923 Datasheet HTML 3Page - ams AG AS1923 Datasheet HTML 4Page - ams AG AS1923 Datasheet HTML 5Page - ams AG AS1923 Datasheet HTML 6Page - ams AG AS1923 Datasheet HTML 7Page - ams AG AS1923 Datasheet HTML 8Page - ams AG AS1923 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.austriamicrosystems.com/Supervisors/AS1923
Revision 1.01
4 - 16
AS1923
Datasheet - Electrical Character i s t ics
6 Electrical Characteristics
VIN2 = +1V to +5.5V, Typ values @ VIN2 = +3.0V to +3.3V, TAMB = +25ºC (unless otherwise specified).
Table 3. Electrical Characteristics
Symbol
Parameter
1
Conditions
Min
Typ
Max
Units
Tamb
Operating Temperature Range
-40
85
°C
VIN2
Supply Voltage Range
2, 3
1.0
5.5
V
IINx
Input Current
VINx = Input Threshold Voltage (Input Threshold
Voltage of 1.8, 2.5, or 5V)
25
40
µA
VIN2 = Input Threshold Voltage (Input Threshold
Voltage of 3.0 or 3.3V)
4
55
115
VINx = 0 to VIN2
(Input Threshold Voltage = +1.23V)
5
-0.1
0.1
VIN1 = 1.5V (AS1923 K/L only)
0.4
1.5
VINx = -5V (Input Threshold Voltage = -5V)
-15
-20
VTH
Reset Threshold Voltage
VINx Decreasing, +5V (-5%) Threshold
4.50
4.63
4.75
V
VINx Decreasing, +5V (-10%) Threshold
4.25
4.38
4.50
VINx Decreasing, +3.3V (-5%) Threshold
3.00
3.08
3.15
VINx Decreasing, +3.3V (-10%) Threshold
2.85
2.93
3.00
VINx Decreasing, +3.0V (-5%) Threshold
2.70
2.78
2.85
VINx Decreasing, +3.0V (-10%) Threshold
2.55
2.63
2.70
VINx Decreasing, +2.5V (-10%) Threshold
2.13
2.19
2.25
VINx Decreasing, +1.8V (-10%) Threshold
1.53
1.58
1.62
VINx Increasing, -5V (+5%) Threshold
-4.75
-4.63
-4.50
VINx Increasing, -5V (+10%) Threshold
-4.50
-4.38
-4.25
VTH
Adjustable Threshold
VINx Decreasing
1.20
1.23
1.26
V
Threshold Voltage
Temperature Coefficient
60
ppm/ºC
VHYS
Threshold Hysteresis
0.5
%
tRD
Reset Delay
VINx = VTH to (VTH - 50mV),
All Inputs Except -5V, or
VINx = VTH to (VTH + 50mV), -5V Input Only
20
µs
tRP
Reset Active Timeout Period
120
200
280
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com