Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3492 Datasheet(PDF) 11 Page - ams AG

Part # AS3492
Description  Highly Efficient 2-10 LEDs Backlight Driver with 2 PWM Inputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3492 Datasheet(HTML) 11 Page - ams AG

Back Button AS3492 Datasheet HTML 7Page - ams AG AS3492 Datasheet HTML 8Page - ams AG AS3492 Datasheet HTML 9Page - ams AG AS3492 Datasheet HTML 10Page - ams AG AS3492 Datasheet HTML 11Page - ams AG AS3492 Datasheet HTML 12Page - ams AG AS3492 Datasheet HTML 13Page - ams AG AS3492 Datasheet HTML 14Page - ams AG AS3492 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
www.austriamicrosystems.com/AS3492
1.2
10 - 18
AS3492
Datasheet - D e ta i l e d D e s c r i p t i o n
8 Detailed Description
The AS3492 is a high performance DCDC step up converter and five current sources in a small WL-CSP12 package.
The LED configuration is done in up to five strings
1, each strings using two LEDs in series2. This configuration results
in excellent application efficiency even using very small external components (capacitors and coil). The device is con-
trolled by ON13 and ON45. A high levels on these inputs enables the DCDC and the current sources. ON13 and ON45
can be used as PWM inputs
3 to accurately control the LED brightness.
The target application is to use the AS3492 for highly efficient backlight driver (display and/or keypad backlight).
Internal Circuit
Figure 16. AS3492 internal circuit
The AS3492 includes a fixed frequency DCDC step-up with accurate startup control. It is enabled by the input pin
ON13 and ON45 and controls the LED current with five current sources. These input can be used as PWM inputs to
control the brightness in two groups:
- a high level on ON13 enables LED1, LED2 and LED3
- a high level on ON45 enables LED4 and LED5.
The current is adjustable by an external resistor RISET.
1. Unused strings shall be connected to VOUT or GND.
2. Single LED strings can be mixed with dual LED strings as long as each of the two groups (LED1...LED3,
LED4...LED5) has at least one string with two LEDs in series - it will reduce application efficiency.
3. Using the PWM inputs, the AS3492 supports DLS, dynamic luminance scaling, also called CABC, content
adaptive backlight control or DBC, dynamic backlight control.




 

 
 
  



%
& '''
%
& '''
 (
)#*'

 (

 
 
AS3492



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com