Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3492 Datasheet(PDF) 4 Page - ams AG

Part # AS3492
Description  Highly Efficient 2-10 LEDs Backlight Driver with 2 PWM Inputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3492 Datasheet(HTML) 4 Page - ams AG

  AS3492 Datasheet HTML 1Page - ams AG AS3492 Datasheet HTML 2Page - ams AG AS3492 Datasheet HTML 3Page - ams AG AS3492 Datasheet HTML 4Page - ams AG AS3492 Datasheet HTML 5Page - ams AG AS3492 Datasheet HTML 6Page - ams AG AS3492 Datasheet HTML 7Page - ams AG AS3492 Datasheet HTML 8Page - ams AG AS3492 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.austriamicrosystems.com/AS3492
1.2
3 - 18
AS3492
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Table 3, “Electrical
Characteristics,” on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VIN, ON13, ON45 and ISET to GND
-0.3
+7.0
V
ON13, ON45 and ISET to VIN
+0.3
V
internal protection diodes to VIN
SW, VOUT, LED1...LED5 to GND
-0.3
11
V
SW, LED1...LED5 to VOUT
+0.3
V
internal protection diodes to VOUT
Input Pin Current without causing latchup
-100
+100
+IIN
mA
Norm: EIA/JESD78
Continuous Power Dissipation (TA = +70ºC)
Continuous power dissipation
870
mW
PT
1 at TAMB=70ºC
1. Depending on actual PCB layout and PCB used
Continuous power dissipation derating factor
11.67
mW/ºC
PDERATE
2
2. PDERATE derating factor changes the total continuous power dissipation (PT) if the ambient temperature is not
70ºC. Therefore for e.g. TAMB=85ºC calculate PT at 85ºC = PT - PDERATE * (85ºC - 70ºC)
Electrostatic Discharge
ESD HBM
±2000
V
Norm: JEDEC JESD22-A114F
ESD CDM
±500
V
Norm: JEDEC JESD 22-C101E
ESD MM
±100
V
Norm: JEDEC JESD 22-A115-B
Temperature Ranges and Storage Conditions
Junction Temperature
+125
ºC
Storage Temperature Range
-55
+125
ºC
Humidity
5
85
%
Non condensing
Body Temperature during Soldering
+260
ºC
according to IPC/JEDEC J-STD-020
Moisture Sensitivity Level (MSL)
MSL 1
Represents a max. floor life time of
unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com