Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3492 Datasheet(PDF) 16 Page - ams AG

Part # AS3492
Description  Highly Efficient 2-10 LEDs Backlight Driver with 2 PWM Inputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3492 Datasheet(HTML) 16 Page - ams AG

Back Button AS3492 Datasheet HTML 11Page - ams AG AS3492 Datasheet HTML 12Page - ams AG AS3492 Datasheet HTML 13Page - ams AG AS3492 Datasheet HTML 14Page - ams AG AS3492 Datasheet HTML 15Page - ams AG AS3492 Datasheet HTML 16Page - ams AG AS3492 Datasheet HTML 17Page - ams AG AS3492 Datasheet HTML 18Page - ams AG AS3492 Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
www.austriamicrosystems.com/AS3492
1.2
15 - 18
AS3492
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
Inductor LSW
The fast switching frequency (2MHz) of the AS3492 allows for the use of small SMDs for the external inductor. The
inductor should have low DC resistance (DCR) to reduce the I
2R power losses - high DCR values will reduce effi-
ciency.
If a different inductor is chosen, ensure similar DCR values and at least 2.45µH inductance at maximum peak input
current.
PCB Layout Guideline
The high speed operation requires proper layout for optimum performance. Route the power traces first and try to min-
imize the area and wire length of the three high frequency/high current loops:
Loop1: pin GND - CVIN - LSW - pin SW - pin GND
Loop2: pin GND - CVIN - LSW - pin SW - pin VOUT - CVOUT - pin GND
At the pin GND a single via (or more vias, which are closely combined) connects to the common ground plane. This
via(s) will isolate the DCDC high frequency currents from the common ground (as most high frequency current will flow
between Loop1 and Loop2 and will not pass the ground plane) - see the ‘island’ at the two through ground vias in
Figure 20:
Figure 20. Layout recommendation
Note: If component placement rules allow, move all components close to the AS3492 to reduce the area and length
of Loop1 and Loop2
Table 6. Recommended Inductor
Part Number
L
DCR
Size
Manufacturer
LQM2HPN4R7MGC
4.7µH;
>2.45µH @ 0.5A
160m
2.5x2.0x0.9mm
max height 1.0mm
Murata
www.murata.com
CIG32K1R0SAF
4.57µH;
>2.45µH @ 0.5A
<300m
2.0x1.25x0.9mm
max height 1.0mm
Samsung Electro-
Mechancs
www.sem.samsung.co.kr
  




 


  
 !  
"# $
%
&


& 
& '(
) 
AS3492



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com