Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675-ZWLT Datasheet(PDF) 13 Page - ams AG

Part # AS3675-ZWLT
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675-ZWLT Datasheet(HTML) 13 Page - ams AG

Back Button AS3675-ZWLT Datasheet HTML 9Page - ams AG AS3675-ZWLT Datasheet HTML 10Page - ams AG AS3675-ZWLT Datasheet HTML 11Page - ams AG AS3675-ZWLT Datasheet HTML 12Page - ams AG AS3675-ZWLT Datasheet HTML 13Page - ams AG AS3675-ZWLT Datasheet HTML 14Page - ams AG AS3675-ZWLT Datasheet HTML 15Page - ams AG AS3675-ZWLT Datasheet HTML 16Page - ams AG AS3675-ZWLT Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
12 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
To ensure soft startup of the dcdc converter, the over current limits are reduced for a fixed time after enabling the dcdc
converter. The total startup time for an output voltage of e.g. 25V is less than 2ms.
8.2.1
Feedback Selection
Register DCDC control1 and DCDC control2 selects the type of feedback for the Step Up DC/DC Converter.
The feedback for the DC/DC converter can be selected either by current sinks (CURR1, CURR2, CURR6) or by a volt-
age feedback at pin DCDC_FB. If the register bit step_up_fb_auto is set, the feedback path is automatically selected
between CURR1, CURR2 and CURR6 (the lowest voltage of these current sinks is used).
Setting step_up_fb enables feedback on the pins CURR1, CURR2 or CURR6. The Step Up DC/DC Converter is regu-
lated such that the required current at the feedback path can be supported. (Bit step_up_res should be set to 0 in this
configuration)
Note: Always choose the path with the highest voltage drop as feedback to guarantee adequate supply for the other
(unregulated) paths or enable the register bit step_up_fb_auto.
8.2.2
Over voltage Protection in Current Feedback Mode
The over voltage protection in current feedback mode (step_up_fb = 01, 10 or 11 or step_up_fb_auto = 1) works as fol-
lows: Only resistor R2 and C7/C8 is soldered and R3 is omitted. An internal current source (sink) is used to generate a
voltage drop across the resistor R2. If then the voltage on DCDC_FB is above 1.25V, the DCDC is momentarily dis-
abled to avoid too high voltages on the output of the DCDC converter.
The protection voltage can be calculated according to the following formula:
VPROTECT = 1.25V + IDCDC_FB * R2
(EQ 1)
Note: The voltage on the pin DCDC_FB is limited by an internal protection diode to VBAT + one diode forward volt-
age (typ. 0.6V).
If the over voltage protection is not used in current feedback mode, connect DCDC_FB to ground.
Vrsense_max
Current Limit Voltage
at R1
e.g., 0.66A for 0.1
Ω sense resistor.
46
66
85
mV
For fixed startup time of
500us
25
33
43
If Step up_lowcur= 1
30
43
57
RSW
Switch Resistance
ON-resistance of external switching transistor.
1
Ω
ILOAD
Load Current
At 16V output voltage
0
55
mA
At 25V output voltage
0
35
fIN
Switching Frequency
Internally trimmed
0.9
1
1.1
MHz
COUT
Output Capacitor
Ceramic, ±20%. Use nominal 4.7µF capacitors
to obtain at least 0.7µF under all conditions
(voltage dependence of capacitors)
0.7
4.7
µF
L
Inductor
Use inductors with small Cparasitic (<100pF) to
get high efficiency.
710
13
µH
tMIN_ON
Minimum on Time
90
140
190
ns
MDC
Maximum Duty Cycle
88
91
%
Vripple
Voltage ripple >20kHz
Cout=4.7µF,Iout=0..45mA, VBAT=3.0...4.2V
160
mV
Voltage ripple <20kHz
40
mV
Efficiency
Efficiency
Iout=20mA,Vout=17V,VBAT=3.8V
85
%
Table 8. Step Up DC/DC Converter Parameters
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com