Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675-ZWLT Datasheet(PDF) 49 Page - ams AG

Part # AS3675-ZWLT
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675-ZWLT Datasheet(HTML) 49 Page - ams AG

Back Button AS3675-ZWLT Datasheet HTML 45Page - ams AG AS3675-ZWLT Datasheet HTML 46Page - ams AG AS3675-ZWLT Datasheet HTML 47Page - ams AG AS3675-ZWLT Datasheet HTML 48Page - ams AG AS3675-ZWLT Datasheet HTML 49Page - ams AG AS3675-ZWLT Datasheet HTML 50Page - ams AG AS3675-ZWLT Datasheet HTML 51Page - ams AG AS3675-ZWLT Datasheet HTML 52Page - ams AG AS3675-ZWLT Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
48 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
8.5.2 GPIO Characteristics
8.5.3
GPIO Registers
Table 67. GPIO DC Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Rpull
Pull up/Pull down
Resistance
enabled by gpio_pulls
30
75
k
Ω
VGPIO
Supply Voltage
=VANA/GPI
1.5
3.4
V
VIH
High Level Input
Voltage
0.7·VANA
min.
1.75V
V
VIL
Low Level Input
Voltage
0.3·
VANA
min.
0.75V
V
VHYS
Hysteresis
0.1·
VANA
min.
250mV
V
ILEAK
Input Leakage Current To V2_5 or VANA/GPI and VSS
-5
5
µ A
VOH
High Level Output
Voltage
at Iout
0.8·VANA
V
VOL
Low Level Output
Voltage
at Iout
0.2·
VANA
V
IOUT
Driving Capability
VANA/GPI = 2.8V,
gpio_low_curr = 1
4
mA
VANA/GPI = 2.8V,
gpio_low_curr = 0
16
CLOAD
Capacitive Load
50
pF
Table 68. GPIO output 1
Register
Addr: 05h
GPIO output 1
This register controls GPIO outputs.
Bit
Bit Name
Default Access
Description
0
gpi_curr1_en
0R/W
Enables the CURR1 input
0
input disabled
1
input enabled
1
gpi_curr2_en
0R/W
Enables the CURR2 input
0
input disabled
1
input enabled
2
gpi_curr6_en
0R/W
Enables the CURR6 input
0
input disabled
1
input enabled
3
not used
4
gpi_curr30_en
0R/W
Enables the CURR30 input
0
input disabled
1
input enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com