Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3675-ZWLT Datasheet(PDF) 39 Page - ams AG

Part # AS3675-ZWLT
Description  Flexible Lighting Management Unit
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3675-ZWLT Datasheet(HTML) 39 Page - ams AG

Back Button AS3675-ZWLT Datasheet HTML 35Page - ams AG AS3675-ZWLT Datasheet HTML 36Page - ams AG AS3675-ZWLT Datasheet HTML 37Page - ams AG AS3675-ZWLT Datasheet HTML 38Page - ams AG AS3675-ZWLT Datasheet HTML 39Page - ams AG AS3675-ZWLT Datasheet HTML 40Page - ams AG AS3675-ZWLT Datasheet HTML 41Page - ams AG AS3675-ZWLT Datasheet HTML 42Page - ams AG AS3675-ZWLT Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
www.austriamicrosystems.com/AS3675
1v3
38 - 80
AS3675
Datasheet - D e ta i l e d D e s c r i p t i o n
Figure 20. Soft dimming example Waveform for CURR30-32
LED Pattern Registers
Table 51. Pattern data0...Pattern data3
Registers
Addr: 19h,1Ah,1Bh,1Ch
Pattern data0, Pattern data1, Pattern data2, Pattern data3
This registers contains the pattern data for the current sinks.
Bit
Bit Name
Default Access
Description
7:0
pattern_data[7:0]
1
1. Update any of the pattern register only if none of the current sources is connected to the pattern generator
('xxxx'_mode must not be 11b). The pattern generator is automatically started at the same time when any of the
current sources is connected to the pattern generator
0
R/W
Pattern data0
7:0
pattern_data[15:8]1111
1
0
R/W
Pattern data1
7:0
pattern_data[23:16]1111
1
0
R/W
Pattern data2
7:0
pattern_data[31:24]1111
1
0
R/W
Pattern data3
Table 52. Pattern control
Register
Addr: 18h
Pattern control
This register controls the LED pattern
Bit
Bit Name
Default Access
Description
0
pattern_color
0R/W
Defines the pattern type for the current sinks
0b
single 32 bit pattern (also set currX_mode = 11)
1b
RGB pattern with each 10 bits (set all
currX_mode = 11)
2:1
pattern_delay
00b
R/W
Delay between pattern, details (see Table 55); together with
pattern_delay2 sets the delay time between patterns
3
softdim_pattern
1
1. If softdim_pattern=1, don’t set curr30_mode, curr31_mode, curr32_mode or curr33_mode to 11b.
0b
R/W
Enable the ‘soft’ dimming feature for the pattern generator
0
Pattern generator directly control current
sources
1
‘Soft Dimming’ is performed (see page 37)
Table 53. gpio current
Register
Addr: 2Ch
gpio current
Bit
Bit Name
Default Access
Description
4
pattern_delay2
0R/W
Delay between pattern (see Table 55 on page 39); together
with pattern_delay sets the delay time between patterns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com