Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685A Datasheet(PDF) 9 Page - ams AG

Part # AS3685A
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685A Datasheet(HTML) 9 Page - ams AG

Back Button AS3685A Datasheet HTML 5Page - ams AG AS3685A Datasheet HTML 6Page - ams AG AS3685A Datasheet HTML 7Page - ams AG AS3685A Datasheet HTML 8Page - ams AG AS3685A Datasheet HTML 9Page - ams AG AS3685A Datasheet HTML 10Page - ams AG AS3685A Datasheet HTML 11Page - ams AG AS3685A Datasheet HTML 12Page - ams AG AS3685A Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
8 - 24
7
Detailed Functional Description
Figure 12 – Internal Circuit Diagram of AS3685A/AS3685B
7.1 Low Noise Charge Pump
The AS3685 charge pump uses two external flying capacitors to generate output voltages higher than the battery
voltage. The charge pump can operate in three different modes:
1:1 Bypass Mode or Off Mode
−
Battery input and output are connected by a low-impedance switch
−
Battery current = output current
1:1.5 Mode
−
The output voltage is 1.5 times the battery voltage (without load)
−
Battery current = 1.5 times output current
1:2 Mode
−
The output voltage is 2 times the battery voltage (without load)
−
Battery current = 2 times output current
The flying capacitors are switched at the fixed frequency fclk.
7.1.1 Mode Switching
The AS3685 monitors the voltage at the current sink V(ILED) and if this voltage falls below VSWITCH, for a time
longer than the debounce time, the charge pump automatically switches into a higher mode. The debounce time
is set to tUP_DEB_LONG at enabling of the charge pump or immediately after a 1:1 to 1:1.5 mode change. Afterwards
the debounce time is reduced to tUP_DEB. (This allows the LED current to settle properly on startup or after a
mode change)
The charge pump enters always 1:1 mode in off mode or in case of overtemperature.
It is possible to avoid the 1:2 mode (factory programmable) to limit the battery current to 1.5 times the output
(=LED) current.
C1+
C1-
C2+
C2-
VCP
ILED
ISET
VBAT
EN1
EN2
VBAT
EN1
EN2
TXMask
Low Noise
Charge Pump
1:1, 1:1.5, 1:2 Modes
Digital
Control
1.3V
Vswitch
5.3V
soft_limit
AS3685
Different Control Logic
for AS3685A and AS3685B
1MHz
Overtemp
Detect
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com