Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685A Datasheet(PDF) 22 Page - ams AG

Part # AS3685A
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685A Datasheet(HTML) 22 Page - ams AG

Back Button AS3685A Datasheet HTML 17Page - ams AG AS3685A Datasheet HTML 18Page - ams AG AS3685A Datasheet HTML 19Page - ams AG AS3685A Datasheet HTML 20Page - ams AG AS3685A Datasheet HTML 21Page - ams AG AS3685A Datasheet HTML 22Page - ams AG AS3685A Datasheet HTML 23Page - ams AG AS3685A Datasheet HTML 24Page - ams AG AS3685A Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
21 - 24
9.2 WL-CSP 2x1.5mm (Wafer Level Chip Scale Package)
9.2.1 Pin Assignments WL-CSP 2x1.5mm
Figure
30 – WL-CSP 2x1.5mm Pin Assignments
9.2.2 Pin Descriptions WL-CSP 2x1.5mm
Table
13 – Pin Type Descriptions WL-CSP 2x1.5mm
Pin Type
Description
AI/O
Analog Pin
DI
Digital Input
S
Supply Pin
Table
14 – Pin Descriptions WL-CSP 2x1.5mm
Pin Number
Pin Name
Type
Description
A1
EN1
DI
Digital Control Signal EN1
A2
VSS
S
Ground Connection – a proper thermal connection to the
ground plane is recommended
A3
ISET
AI/O
Current Generator input pin – connect current set resistor
RISET between this pin and VSS (and optional RTXMASK)
B1
C1+
AI/O
Flying Capacitor 1 connection – connect 1
μF ceramic
capacitor CFLY1 between C1- and C1+
B2
VCP
AI/O
Charge Pump Output voltage – connect flash LED anode
to this pin and add CVCP capacitor with 2.2
μF to VSS
B3
EN2
DI
Digital Control Signal EN2
C1
VBAT
S
Battery Supply Voltage
C2
C2+
AI/O
Flying Capacitor 2 connection – connect 1
μF ceramic
capacitor CFLY2 between C2- and C2+
C3
ILED
AI/O
Current Source input pin – connect flash LED cathode to
this pin
D1
C2-
AI/O
Flying Capacitor 2 connection – connect 1
μF ceramic
capacitor CFLY2 between C2- and C2+
D2
C1-
AI/O
Flying capacitor 1 connection – connect 1
μF ceramic
capacitor CFLY1 between C1- and C1+
D3
VSS
S
Ground Connection – a proper thermal connection to the
ground plane is recommended
C1+ C1- C2+ C2-
VCP
ILED
AS3685A
AS3685B
ISET
VBAT
EN1
EN2
VSS
D1
D2
A2,D3
C1
C2
C3
B1
B2
B3
A1
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com