Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685A Datasheet(PDF) 4 Page - ams AG

Part # AS3685A
Description  Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685A Datasheet(HTML) 4 Page - ams AG

  AS3685A Datasheet HTML 1Page - ams AG AS3685A Datasheet HTML 2Page - ams AG AS3685A Datasheet HTML 3Page - ams AG AS3685A Datasheet HTML 4Page - ams AG AS3685A Datasheet HTML 5Page - ams AG AS3685A Datasheet HTML 6Page - ams AG AS3685A Datasheet HTML 7Page - ams AG AS3685A Datasheet HTML 8Page - ams AG AS3685A Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AS3685A/AS3685B
Datasheet
www.austriamicrosystems.com/
AS3685
(ptr)
Revision 2.2
3 - 24
5
Characteristics
5.1 Absolute Maximum Ratings
Stresses beyond those listed in Table 1 may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in Section 5
Electrical Characteristics is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Table
1 – Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Note
VBATMAX
Maximum Supply Voltage
-0.3
7.0
V
IIN
Input Pin Current without causing
latchup
-25
+25
mA
At 25ºC, Norm: Jedec 17
TSTRG
Storage Temperature Range
-55
125
°C
Humidity
5
85
%
Non condensing
VESD
Electrostatic Discharge
-1000
1000
V
Norm: MIL 883 E Method 3015
1.14
W
DFN10 3x3mm, TA = 70
°C 1
PT
Total Continuous Power Dissipation
1.02
W
WL-CSP 2x1.5mm, TA = 70
°C 1
16.3
mW/
°C
DFN10 3x3mm
PDERATE
PT Derating Factor
2
14.7
mW/
°C
WL-CSP 2x1.5mm
TJUNC
Junction Temperature
150
°C
TBODY
Body Temperature during Soldering
260
°C
according to IPC/JEDEC J-
STD-020C
Notes:
1.
Depending on actual PCB layout and PCB used; for peak power dissipation during flashing see
document ‘AS3685 Thermal Measurements’
For 1A flash current see application notes ‘AN3685_1Aflash’ and ‘AN3685_1Aflash_thermal_1v0’.
2.
The PT derating factor changes the total continuous power dissipation, if the ambient temperature
is different to 70
°C. Therefore for e.g. 85°C calculate PT85°C = PT – PDERATE * (85°C – 70 °C)
5.2 Operating Conditions
Table
2 – Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
Note
VBAT
Battery Supply Voltage
3.0
3.6
5.5
V
Supply voltage range
VBATFUNC
Battery Supply Voltage,
Functionally working
2.6
V
AS3685 functionally working,
but not all parameters fulfilled
0.4
A
Depending on load current
and charge pump mode
IBAT
Operating Current
2.0
A
Limited lifetime, max 20,000s
TAMB
Ambient Temperature
-30
25
85
°C
IOFF
Off mode current
1.0
4.0
μA
EN1 = 0, EN2 = 0;
VBAT<=4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com