Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 2 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 2 Page - ams AG

  AS5043_09 Datasheet HTML 1Page - ams AG AS5043_09 Datasheet HTML 2Page - ams AG AS5043_09 Datasheet HTML 3Page - ams AG AS5043_09 Datasheet HTML 4Page - ams AG AS5043_09 Datasheet HTML 5Page - ams AG AS5043_09 Datasheet HTML 6Page - ams AG AS5043_09 Datasheet HTML 7Page - ams AG AS5043_09 Datasheet HTML 8Page - ams AG AS5043_09 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
AS5043
Data Sheet - Pin Configuration
www.austriamicrosystems.com
Revision 1.80
1 – 36
1
General Description
The AS5043 is a contactless magnetic angle encoder for
accurate measurement up to 360°.
It is a system-on-chip, combining integrated Hall
elements, analog front end and digital signal processing
in a single device.
The AS5043 provides a digital 10-bit as well as a
programmable analog output that is directly proportional
to the angle of a magnet, rotating over the chip.
The analog output can be configured in many ways,
including user programmable angular range, adjustable
output voltage range, voltage or current output, etc..
An internal voltage regulator allows operation of the
AS5043 from 3.3V or 5.0V supplies.
2
Benefits
Complete system-on-chip
Flexible system solution provides absolute output,
both digital and analog
Angle measurement with software programmable
range up to 360°
High reliability due to non-contact magnetic sensing
Ideal for applications in harsh environments
Robust system, tolerant to magnet misalignment,
airgap
variations,
temperature
variations
and
external magnetic fields
No calibration required
3
Key Features
360° contactless high resolution angular position
encoding
User programmable zero position
Two 10-bit absolute outputs:
Serial digital interface and
Versatile analog output
programmable angular range up to 360°
programmable ratiometric output voltage range
Failure detection mode for magnet field strength
and loss of power supply
Serial read-out of multiple interconnected
AS5043 devices using daisy chain mode
Mode input for optimizing noise vs. speed
Alignment mode for magnet placement guidance
Wide temperature range: - 40°C to + 125°C
Small package: SSOP 16 (5.3mm x 6.2mm)
4
Applications
The AS5043 is ideal for applications with an angular
travel range from a few degrees up to a full turn of
360°, such as
-
Industrial applications:
- Contactless rotary position sensing
- Robotics
- Valve Controls
-
Automotive applications:
- Throttle position sensors
- Gas / brake pedal position sensing
- Headlight position control
Front panel rotary switches
Replacement of potentiometers
Figure 1: Typical Arrangement of AS5043 and Magnet
Data Sheet
AS5043
Programmable 360° Magnetic Angle Encoder
with Absolute SSI and Analog Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com