Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 3 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 3 Page - ams AG

  AS5043_09 Datasheet HTML 1Page - ams AG AS5043_09 Datasheet HTML 2Page - ams AG AS5043_09 Datasheet HTML 3Page - ams AG AS5043_09 Datasheet HTML 4Page - ams AG AS5043_09 Datasheet HTML 5Page - ams AG AS5043_09 Datasheet HTML 6Page - ams AG AS5043_09 Datasheet HTML 7Page - ams AG AS5043_09 Datasheet HTML 8Page - ams AG AS5043_09 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
AS5043
Data Sheet - Pin Configuration
www.austriamicrosystems.com
Revision 1.80
2 – 36
5
Pin Configuration
Figure 2: AS5043 Pin Configuration SSOP16
MagRngn
Prog_DI
VSS
DO
NC
CLK
CSn
VDD5V
DACref
DACout
FB
Vout
NC
NC
1
4
3
2
13
12
11
10
9
8
7
6
5
16
15
14
Mode
VDD3V3
Package = SSOP16 (16 lead Shrink Small Outline Package)
Table 1: Pin Description SSOP16
Pin
Symbol
Type
Description
1
MagRngn DO_OD
Magnet Field Magnitude RaNGe warning; active low, indicates that the magnetic field
strength is outside of the recommended limits.
2
Mode
DI_PD, ST
Mode
input. Select between low noise (low, connect to VSS) and high speed (high,
connect to VDD5V) mode at power up. Internal pull-down resistor.
3
CSn
DI_PU, ST
C
hip Select, active low; Schmitt-Trigger input, internal pull-up resistor (~50k
Ω)
4
CLK
DI,ST
Cl
ock Input of Synchronous Serial Interface; Schmitt-Trigger input
5
NC
-
must be left unconnected
6
DO
DO_T
D
ata Output of Synchronous Serial Interface
7
VSS
S
Negative Supply Voltage (GND)
8
Prog_DI
DI_PD
OTP Programming Input and Data Input for Daisy Chain mode. Internal pull-down resistor
(~74k
Ω).
Should be connected to VSS if programming is not used
9
DACref
AI
DAC Ref
erence voltage input for external reference
10
DACout
AO
DAC out
put (unbuffered, Ri ~8k
Ω)
11
FB
AI
F
eedback, OPAMP inverting input
12
Vout
AO
OPAMP output
13
NC
-
Must be left unconnected
14
NC
-
Must be left unconnected
15
VDD3V3
S
3V-Regulator Output for internal core, regulated from VDD5V.Connect to VDD5V for 3V
supply voltage. Do not load externally.
16
VDD5V
S
Positive Supply Voltage, 3.0 to 5.5 V
DO_OD digital output open drain
S
supply pin
AI
analog input
DI_PD digital input pull-down
DO_T
digital output /tri-state
AO
analog output
DI_PU digital input pull-up
ST
Schmitt-trigger input
DI
digital input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com