Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5043 Datasheet(PDF) 24 Page - ams AG

Part # AS5043
Description  Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043 Datasheet(HTML) 24 Page - ams AG

Back Button AS5043_09 Datasheet HTML 20Page - ams AG AS5043_09 Datasheet HTML 21Page - ams AG AS5043_09 Datasheet HTML 22Page - ams AG AS5043_09 Datasheet HTML 23Page - ams AG AS5043_09 Datasheet HTML 24Page - ams AG AS5043_09 Datasheet HTML 25Page - ams AG AS5043_09 Datasheet HTML 26Page - ams AG AS5043_09 Datasheet HTML 27Page - ams AG AS5043_09 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
AS5043
Data Sheet – Failure Diagnostics
www.austriamicrosystems.com
Revision 1.80
23 – 36
17 Failure Diagnostics
The AS5043 also offers several diagnostic and failure detection features:
17.1 Magnetic Field Strength Diagnosis
By software:
the MagInc and MagDec status bits will both be high when the magnetic field is out of range.
By hardware:
Pin #1 (MagRngn) is a logical NAND-ed combination of the MagInc and MagDec status bits. It is an open-
drain output and will be turned on (= low with external pull-up resistor) when the magnetic field is out of range.
By hardware:
Pin #12 (Vout) is the analog output of the DAC and OP-Amp. The analog output will be 0V, when the
magnetic field is out of range (all analog modes).
17.2 Power Supply Failure Detection
By software:
If the power supply to the AS5043 is interrupted, the digital data read by the SSI will be all “0”s. Data is only
valid, when bit OCF is high, hence a data stream with all “0”s is invalid. To ensure adequate low levels in the failure case,
a pull-down resistor (~10k
Ω) should be added between pin DO and VSS at the receiving side
By hardware:
The MagRngn pin is an open drain output and requires an external pull-up resistor. In normal operation,
this pin is high ohmic and the output is high. In a failure case, either when the magnetic field is out of range or the power
supply is missing, this output will become low. To ensure an adequate low level in case of a broken power supply to the
AS5043, the pull-up resistor (~10k
Ω) must be connected to the positive supply at pin 16 (VDD5V).
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com