Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 15 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 15 Page - ams AG

Back Button AS5045 Datasheet HTML 11Page - ams AG AS5045 Datasheet HTML 12Page - ams AG AS5045 Datasheet HTML 13Page - ams AG AS5045 Datasheet HTML 14Page - ams AG AS5045 Datasheet HTML 15Page - ams AG AS5045 Datasheet HTML 16Page - ams AG AS5045 Datasheet HTML 17Page - ams AG AS5045 Datasheet HTML 18Page - ams AG AS5045 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
14 – 33
8.1.1
Data Content
D11:D0 absolute angular position data (MSB is clocked out first)
OCF
(Offset Compensation Finished), logic high indicates the finished Offset Compensation Algorithm
COF
(Cordic Overflow), logic high indicates an out of range error in the CORDIC part. When this bit is set, the data
at D9:D0 is invalid. The absolute output maintains the last valid angular value.
This alarm may be resolved by bringing the magnet within the X-Y-Z tolerance limits.
LIN
(Linearity Alarm), logic high indicates that the input field generates a critical output linearity.
When this bit is set, the data at D9:D0 may still be used, but can contain invalid data. This warning may be resolved
by bringing the magnet within the X-Y-Z tolerance limits.
Even Parity
bit for transmission error detection of bits 1…17 (D11…D0, OCF, COF, LIN, MagINC, MagDEC)
Placing the magnet above the chip, angular values increase in clockwise direction by default.
Data D11:D0 is valid, when the status bits have the following configurations:
Table 3.
Status Bit Outputs
OCF
COF
LIN
Mag
INC
Mag
DEC
Parity
0
0
0
1
1
0
1
0
0
1*)
1*)
Even checksum of bits 1:15
*) MagInc=MagDec=1 is only recommended in YELLOW mode (see Table 5)
8.1.2
Z-axis Range Indication (Push Button Feature, Red/Yellow/Green Indicator)
The AS5045 provides several options of detecting movement and distance of the magnet in the Z-direction. Signal
indicators MagINCn and MagDECn are available both as hardware pins (pins 1 and 2) and as status bits in the serial
data stream (see Figure 5). Additionally, an OTP programming option is available with bit MagCompEn (see
Figure 10
) that enables additional features:
In the default state, the status bits MagINC, MagDec and pins MagINCn, MagDECn have the following function:
Table 4.
Magnetic Field Strength Variation Indicator
Status Bits
Hardware Pins
OTP: Mag CompEn = 0 (default)
Mag
INC
Mag
DEC
Mag
INCn
Mag
DECn
Description
0
0
Off
Off
No distance change
Magnetic input field OK (in range, ~45…75mT)
0
1
Off
On
Distance increase; pull-function. This state is dynamic and only active while
the magnet is moving away from the chip.
1
0
On
Off
Distance decrease; push- function. This state is dynamic and only active
while the magnet is moving towards the chip.
1
1
On
On
Magnetic field is ~<45mT or >~75mT. It is still possible to operate the
AS5045 in this range, but not recommended
When bit MagCompEn is programmed in the OTP, the function of status bits MagINC, MagDec and pins MagINCn,
MagDECn is changed to the following function:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com