Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 25 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 25 Page - ams AG

Back Button AS5045 Datasheet HTML 21Page - ams AG AS5045 Datasheet HTML 22Page - ams AG AS5045 Datasheet HTML 23Page - ams AG AS5045 Datasheet HTML 24Page - ams AG AS5045 Datasheet HTML 25Page - ams AG AS5045 Datasheet HTML 26Page - ams AG AS5045 Datasheet HTML 27Page - ams AG AS5045 Datasheet HTML 28Page - ams AG AS5045 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
24 – 33
14.1 Physical Placement of the Magnet
The best linearity can be achieved by placing the center of the magnet exactly over the defined center of the chip as
shown in the drawing below:
Figure 18. Defined Chip Center and Magnet Displacement Radius
1
Defined
center
2.433 mm
2.433 mm
3.9 mm
3.9 mm
Area of recommended maximum
magnet misalignment
Rd
Magnet Placement
The magnet’s center axis should be aligned within a displacement radius Rd of 0.25mm from the defined center of
the IC.
The magnet may be placed below or above the device. The distance should be chosen such that the magnetic field
on the die surface is within the specified limits (see Figure 17). The typical distance “z” between the magnet and the
package surface is 0.5mm to 1.5mm, provided the use of the recommended magnet material and dimensions (6mm x
3mm). Larger distances are possible, as long as the required magnetic field strength stays within the defined limits.
However, a magnetic field outside the specified range may still produce usable results, but the out-of-range condition
will be indicated by MagINCn (pin 1) and MagDECn (pin 2), see Table 1.
Figure 19. Vertical Placement of the Magnet
1.282mm ± 0.15mm
0.576mm ± 0.1mm
z
S
N
Package surface
Die surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com