Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5045 Datasheet(PDF) 32 Page - ams AG

Part # AS5045
Description  12 Bit Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5045 Datasheet(HTML) 32 Page - ams AG

Back Button AS5045 Datasheet HTML 26Page - ams AG AS5045 Datasheet HTML 27Page - ams AG AS5045 Datasheet HTML 28Page - ams AG AS5045 Datasheet HTML 29Page - ams AG AS5045 Datasheet HTML 30Page - ams AG AS5045 Datasheet HTML 31Page - ams AG AS5045 Datasheet HTML 32Page - ams AG AS5045 Datasheet HTML 33Page - ams AG AS5045 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
AS5045
Data Sheet
www.austriamicrosystems.com
Revision 1.7
31 – 33
18 Package Drawings and Markings
Figure 23. 16-Lead Shrink Small Outline Package SSOP-16
Dimensions
mm
inch
Symbol
Min
Typ
Max
Min
Typ
Max
A
-
-
2.00
.079
A1
0.05
-
-
.002
A2
1.65
1.75
1.85
.065
.069
.073
b
0.22
-
0.38
.009
.015
c
0.09
-
0.25
.004
-
.010
D
5.90
6.20
6.50
.232
.244
.256
E
7.40
7.80
8.20
.291
.307
.323
E1
5.00
5.30
5.60
.197
.209
.220
e
0.65
.0256
K
0°
4°
8°
0°
4°
8°
L
0.55
0.75
0.95
.022
.030
.037
19 Ordering Information
Delivery:
Tape and Reel (1 reel = 2000 devices) Tubes (1 box = 100 tubes à 77 devices)
Order # AS5045ASSU
for delivery in tubes
Order # AS5045ASST
for delivery in tape and reel
Marking: YYWWIZZ
Y: Last Digit of Manufacturing Year
WW: Manufacturing Week
I: Plant Identifier
ZZ: Traceability Code
JEDEC
Package
Outline
Standard:
MO - 150 AC
Thermal Resistance Rth(j-a):
typ. 151 K/W in still air, soldered on PCB
IC's marked with a white dot or the letters
"ES" denote Engineering Samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com