Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 79 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 75Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 76Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 77Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 78Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 79Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 80Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 81Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 82Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
79
PSEN/ALE Select (PASEL)
7
6
5
4
3
2
1
0
Reset Value
SFR F2h
PSEN4
PSEN3
PSEN2
PSEN1
PSEN0
0
0
0
00h
PSEN2−0
PSEN Mode Select. Defines the output on P3.6 in UAM or SFPM.
bits 7−3
00000: General-purpose I/O (default)
00001: SYSCLK
00011: Internal PSEN (refer to Figure 5 for timing)
00101: Internal ALE (refer to Figure 5 for timing)
00111: fOSC (buffered XIN oscillator clock)
01001: Memory WR (MOVX write)
01011: T0 Out (overflow)(1)
01101: T1 Out (overflow)(1)
01111: fMOD(2)
10001: SYSCLK/2 (toggles on rising edge)(2)
10011: Internal PSEN/2(2)
10101: Internal ALE/2(2)
10111: fOSC(2)
11001: Memory WR/2 (MOVX write)(2)
11011: T0 Out/2 (overflow)(2)
11101: T1 Out/2 (overflow)(2)
11111: fMOD/2(2)
(1) One period of these signals equal to tCLK.
(2) Duty cycle is 50%.
Phase Lock Loop Low (PLLL)
7
6
5
4
3
2
1
0
Reset Value
SFR F4h
PLL7
PLL6
PLL5
PLL4
PLL3
PLL2
PLL1
PLL0
xxh
PLL7−0
PLL Counter Value Least Significant Bit.
bits 7−0
PLL Frequency = External Crystal Frequency
• (PLL9:0 + 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com