Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 13Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 14Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 15Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 16Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 17Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 18Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 19Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 20Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
17
TYPICAL CHARACTERISTICS: ALL DEVICES (Continued)
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, ADC Bipolar Mode, Buffer ON, and VREF ≡ (REF IN+) − (REF IN−) = +2.5V, unless
otherwise specified.
11
10
9
8
7
6
5
4
3
DIGITAL SUPPLY CURRENT
vs DIGITAL SUPPLY VOLTAGE
Digital Supply Voltage (V)
2.5
3.5
4.5
5.5
3.0
4.0
5.0
−55_C
−40_C
+25
_C
+85
_C
+125
_C
PGA = 128
DV
DD =AVDD
V
REF =1.25V
ADCNORMALIZEDGAIN
vs PGA
PGA Setting
14
216
8128
64
32
101
100
99
98
97
96
95
External Reference
Buffer ON
External Reference
Buffer OFF
40
35
30
25
20
15
10
5
0
VOLTAGE REFERENCE INPUT CURRENT
vs PGA SETTING
PGA Gain
1128
24
8
16
32
64
V
REF =2.5V
f
MOD =62.5kHz
V
REF =1.25V
f
MOD =62.5kHz
V
REF =2.5V
f
MOD = 15.6kHz
V
REF = 1.25V
f
MOD = 15.6kHz
101.0
100.8
100.6
100.4
100.2
100.0
99.8
99.6
99.4
99.2
99.0
VOLTAGE REFERENCE CHANGE
vs ANALOG SUPPLY VOLTAGE
Analog Supply Voltage (V)
2.5 2.75 3.0 3.25 3.5 3.75 4.0 4.25 4.5 4.75 5.0 5.25
2.5V
1.25V
16.0
15.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
INTERNAL OSCILLATOR LOW−FREQUENCY MODE
vs TEMPERATURE
Temperature (
_C)
−60
0
20
80
60
120 140
−20
−40
40
100
5.25V
2.7V
3.3V
4.75V
32
31
30
29
28
27
26
INTERNAL OSCILLATOR HIGH−FREQUENCY MODE
vs TEMPERATURE
Temperature (
_C)
−60
0
20
80
60
120 140
−20
−40
40
100
5.25V
4.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com