Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC1202Y2RHHT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 20 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 16Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 17Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 18Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 19Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 20Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 21Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 22Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 23Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
20
ENHANCED 8051 CORE
All instructions in the MSC120x families perform exactly
the same functions as they would in a standard 8051. The
effects on bits, flags, and registers are the same; however,
the timing is different. The MSC120x families use an
efficient 8051 core that results in an improved instruction
execution speed of between 1.5 and 3 times faster than the
original core for the same external clock speed (4 clock
cycles per instruction versus 12 clock cycles per
instruction, as shown in Figure 4). This efficiency
translates into an effective throughput improvement of
more than 2.5 times, using the same code and same
external clock speed. Therefore, a device frequency of
33MHz for the MSC120x actually performs at an
equivalent execution speed of 82.5MHz compared to the
standard 8051 core. This increased performance allows
the device to be tun at slower clock speeds, which reduces
system noise and power consumption, but provides
greater throughput. This performance difference can be
seen in Figure 5. The timing of software loops will be faster
with the MSC120x. However, the timer/counter operation
of the MSC120x may be maintained at 12 clocks per
increment or optionally run at 4 clocks per increment.
The MSC120x also provide dual data pointers (DPTRs).
Internal
ALE
Internal
PSEN
Internal
AD0−AD7
Internal
A8−A15
ALE
PSEN
AD0−AD7
PORT 2
CLK
Single−Byte, Single−Cycle
Instruction
Single−Byte, Single−Cycle
Instruction
12 Cycles
4Cycles
Figure 5. Comparison of MSC120x Timing to
Standard 8051 Timing
Figure 4. Instruction Timing Cycle
f
CLK
instr_cycle
cpu_cycle
C1
C2
C3
C4
C1
C2
C3
C4
C1
n+ 1
n + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com