Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048A-HTSP Datasheet(PDF) 10 Page - ams AG

Part # AS5048A-HTSP
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048A-HTSP Datasheet(HTML) 10 Page - ams AG

Back Button AS5048A-HTSP Datasheet HTML 6Page - ams AG AS5048A-HTSP Datasheet HTML 7Page - ams AG AS5048A-HTSP Datasheet HTML 8Page - ams AG AS5048A-HTSP Datasheet HTML 9Page - ams AG AS5048A-HTSP Datasheet HTML 10Page - ams AG AS5048A-HTSP Datasheet HTML 11Page - ams AG AS5048A-HTSP Datasheet HTML 12Page - ams AG AS5048A-HTSP Datasheet HTML 13Page - ams AG AS5048A-HTSP Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Revision 1.3
www.a ustriamicrosystems.com
Page 9 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
3
Functional Description
The AS5048 is a magnetic Hall sensor system manufactured in a CMOS process. A lateral Hall sensor array is used to measure
the magnetic field components perpendicular to the surface of the chip. The AS5048 is uses self-calibration methods to
eliminate signal offset and sensitivity drifts.
The integrated Hall sensors are placed around the center of the device and deliver a voltage representation of the magnetic flux
Bz.
Through Sigma-Delta Analog-to-Digital Converter (ADC) and Digital Signal-Processing (DSP) algorithms, the AS5048 provides
accurate high-resolution absolute angular position information. This is accomplished by a Coordinate Rotation Digital Computer
(CORDIC) calculates the angle and the magnitude of the Hall array signals.
The DSP is also used to provide digital information at the outputs that indicate movements of the magnet towards or away from
the device’s surface, in the z-axis.
A small diametrically magnetized (two-pole) standard magnet provides the angular position information. Depending on the
system requirements different magnet diameters are possible. Additional flexibility is given by the wide range of the magnetic
input range. The AS5048 can be combined with NeFeB, SmCo and alternative magnet materials e.g. hard ferrites. The AS5048
provides a 14-bit binary code representing the angular position of the magnet. The type of output is pre-programmed as SPI
version A or I2C version B. Simultaneously a PWM output signal is available in 12 bit format.
A simple programming of the zero position is possible over the interface. No additional programmer is needed. The AS5048
uses one time programmable (OTP) fuses for permanent programming of the user settings. The verification is possible over a
simple digital readout of the OTP content.
4
Operation
4.1
Supply Voltage Configuration
The AS5048 operates at 5V ±10% , using an internal Low-Dropout (LDO) voltage regulator. In addition a 3.3V operation is
possible. The VDD3V output is intended for internal use only. It must not be loaded with an external load.
10 F
100n
F
4.5 - 5.5V
VDD3V
GND
VDD5V
5V Operation
Internal
VDD3.3V
LDO
10
F
3.0 - 3.6V
VDD3V
GND
VDD5V
3.3V Operation
Internal
VDD3.3V
LDO
100n
F
Figure 2: Connec tions for 5V and 3.3V supply voltages
Note
: The pin VDD3V must always be buffered by a 10
F capacitor in 5V operation. It must not be left floating, as this may
cause unstable internal supply voltages which may lead to larger output jitter of the measured angle.
In 3V operation the VDD3V must be shorted to VDD5V. The ambient temperature Tamb is limited to 125 degC in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com