Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048A-HTSP Datasheet(PDF) 22 Page - ams AG

Part # AS5048A-HTSP
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048A-HTSP Datasheet(HTML) 22 Page - ams AG

Back Button AS5048A-HTSP Datasheet HTML 18Page - ams AG AS5048A-HTSP Datasheet HTML 19Page - ams AG AS5048A-HTSP Datasheet HTML 20Page - ams AG AS5048A-HTSP Datasheet HTML 21Page - ams AG AS5048A-HTSP Datasheet HTML 22Page - ams AG AS5048A-HTSP Datasheet HTML 23Page - ams AG AS5048A-HTSP Datasheet HTML 24Page - ams AG AS5048A-HTSP Datasheet HTML 25Page - ams AG AS5048A-HTSP Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Revision 1.3
www.austriamicrosystems.com/AS504 8
Page 21 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
4.3.3
Register Table
The following registers / functions are accessible over the serial I²C interface.
Address
dec
Name
Access
Type
Bit Nr.
Symbol
Default
Description
7
not used
6
Verify
5
4
3
Burn
2
1
0
Programming Enable
7
:
5
4
I²C address<4>
internally
inverted
:
:
:
0
I²C address<0>
0
7
Zero Position <13>
0
:
:
:
0
Zero Position <6>
0
7
6
5
Zero Position <5>
0
:
:
:
0
Zero Position <0>
0
7
AGC value<7>
1
:
:
:
0
AGC value<0>
0
7
:
4
3
Comp High
0
2
Comp Low
0
1
COF
0
0
OCF
1
7
Magnitude<13>
0
:
:
:
0
Magnitude<6>
0
7
6
5
Magnitude<5>
0
:
:
:
0
Magnitude<0>
0
7
Angle<13>
0
:
:
:
0
Angle<6>
0
7
6
5
Angle<5>
0
:
:
:
0
Angle<0>
0
Angle Value afer ATAN calculation
and zero position adder
Diagnostic flags
Automatic Gain Control value.
0 decimal represents high magnetic field
255 decimal represents low magnetic field
Automatic
Gain
Control
R
250
not used
n.a.
251
Diagnostics
R
Programming
Control
R/W
R/W
+
Program
254
253
not used
n.a.
I²C slave address
slave address consist of 5 programable bits (MSBs)
and the hardware setting of Pins A1 and A2
I²C address <4> is by default not programmed and due
to the inversion defined as '1'
R/W
+
Program
I²C slave
address
21
23
OTP Register
Zero Position
Hi
OTP Register
Zero Position
Low 6 LSBs
R/W
+
Program
not used
reserved
0
Programming control register.
Programming must be enabled before burning the
fuse(s). After programming is an verification mandatory.
See programming procedure.
3
not used
n.a.
Zero Position value high byte
Zero Position remaining 6 lower LSB's
22
not used
R
R
n.a.
Magnitude
Magnitude information afer ATAN calculation
252
not used
n.a.
R
R
Angle
255
Table 16 Register Map I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com