Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5048A-HTSP Datasheet(PDF) 26 Page - ams AG

Part # AS5048A-HTSP
Description  Magnetic Rotary Encoder 14-bit Angular Position Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5048A-HTSP Datasheet(HTML) 26 Page - ams AG

Back Button AS5048A-HTSP Datasheet HTML 22Page - ams AG AS5048A-HTSP Datasheet HTML 23Page - ams AG AS5048A-HTSP Datasheet HTML 24Page - ams AG AS5048A-HTSP Datasheet HTML 25Page - ams AG AS5048A-HTSP Datasheet HTML 26Page - ams AG AS5048A-HTSP Datasheet HTML 27Page - ams AG AS5048A-HTSP Datasheet HTML 28Page - ams AG AS5048A-HTSP Datasheet HTML 29Page - ams AG AS5048A-HTSP Datasheet HTML 30Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Revision 1.3
www.austriamicrosystems.com/AS504 8
Page 25 of 29
AS5048A/AS5048B
Magnetic Rotary Encoder
14-bit Angular Position Sensor
Datasheet
6
Application Information
6.1
Programming of the AS5048
6.1.1
Programming of the zero position
The absolute angle position can be permanent programmed over the interface. This could be useful for random placement of
the magnet on the rotation axis. A readout at the mechanical zero position can be performed and written back into the IC.
With permanent programming the position is non-reversible stored in the IC. This programming can be performed only once.
To simplify the calculation of the zero position it is only needed to write the value in the IC which was read out before from
the angle register.
6.1.2
Programming sequence with verification
To program the zero position is needed to perform following sequence:
1.
Read angle information
2.
Set the Programming Enable bit in the OTP control register
3.
Write previous read angle position into OTP zero position register
4.
Read back for verification the zero position register data
5.
Set the Burn bit to start the automatic programming procedure
6.
Read angle information (equals to 0)
7.
Set the Verify bit to load the OTP data again into the internal registers with modified threshold comparator levels
8.
Read angle information (equals to 0)
The programming can either be performed in 5V operation using the internal LDO, or in 3V operation but using a minimum
supply voltage of 3.3V. In case of 3V operation, also a 10uF capacitor is required on the VDD3 pin.
6.2
Diagnostic functions of the AS5048
The AS5048 provides diagnostics functions of the IC and also diagnostic functions of the magnetic input field
Following diagnostic flags are available:
See Table 11 register address x3FFD (AS5048A) or Table 16 register address 251 dec (AS5048B)
OCF
(Offset Compensation Finished), logic high indicates the finished Offset Compensation Algorithm. After power up the
flag remains always to logic high.
COF
(Cordic Overflow), logic high indicates an out of range error in the CORDIC part. When this bit is set, the angle and
magnitude data is invalid. The absolute output maintains the last valid angular value.
COMP low
, indicates a weak magnetic field. It is recommended to monitor in addition the magnitude value.
COMP high
, indicated a high magnetic field. It is recommended to monitor the magnitude value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com