Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 16 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 16 Page - ams AG

Back Button AS5130 Datasheet HTML 12Page - ams AG AS5130 Datasheet HTML 13Page - ams AG AS5130 Datasheet HTML 14Page - ams AG AS5130 Datasheet HTML 15Page - ams AG AS5130 Datasheet HTML 16Page - ams AG AS5130 Datasheet HTML 17Page - ams AG AS5130 Datasheet HTML 18Page - ams AG AS5130 Datasheet HTML 19Page - ams AG AS5130 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
15 - 41
AS5130
Datasheet - Detailed Descr i pti on
7.2 Serial Synchronous Interface (SSI)
7.2.1 Commands of the SSI in Normal Mode
WD2COS / WD2SIN: xen_X disables Hall element X from the sensor array in the cosine or sine channel; xinv_X inverts the voltage output of Hall
element X in the channels.
RD2COS / RD2SIN: The Hall array configuration for cosine and sine channel can be read out by these commands, initial values are 0.
SET TEST CFG 1: gen_rst HI triggers a digital reset.
WRITE CONFIG: go2sleep HI activates the low power mode of the AS5130. The power consumption is significantly reduced. go2sleep LO
returns to normal operation mode. During low power mode, the lock bit in command 0 and command 1 is LO.
WRITE CUST: With “wlsb_x” the threshold level for generation of a WAKE pulse is set (only important in polling mode). The initial value is 4 LSB.
No value lower than 4 LSB can be set. The maximum value is 127 LSB.
“gain_x” sets the gain in the signal
HYST_RST: “setHyst” enables an additional hysteresis of the digital output signal. It is enabled by default. Only after 2 consecutive equal signals
the output is changed.
“rst_otp” forces the IC to read out the OTP in polling mode. This reset has to be performed after initial startup and every WAKE signal.
“rst_multi” resets the multi turn counter to 0.
READ CUST: With this command “wlsb_x” and “gain_x” can be read out.
RD_BOTH: Angle and multi turn counter value can be read out simultaneously by this command. Due to limited data size, the parity bit is not
available in this command.
STORE REF: This command stores the actual angle as reference angle in the storage registers (only important in polling mode). The output is
the stored angle (angle_stored), a flag, if the voltage at DVDD is OK (store_ok), a flag, if the supply voltage is OK (vdd_ok) and a check bit, if the
register was written.
RD_MULTI: Command for read out of multi turn register (multiturn) and AGC value (agc). “Lock” indicates a locked ADC and “parity” an even
parity checksum.
RD_ANGLE: Command for read out of angle value and AGC value (agc). “Lock” indicates a locked ADC and “parity” an even parity checksum.
Table 9. SSI in Normal Mode
#
cmd
bin
mode
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
23
WRITE CUST
10111
write
wlsb <6:0>
gain <2:0>
nc
22
WD2COS
10110
write
xen_7
inv_7 xen_6 inv_6 xen_5 inv_5 xen_4 inv_4 xen_3 inv_3 xen_2 inv_2 xen_1 inv_1 xen_0 inv_0
21
SET TEST
CFG1
10101
write
gen_r
st
20
reserved
10100
write
19
HYST_RST
10011
write
rst_otp
nc
rst_m
ulti
nc
setHy
st
18
WD2SIN
10010
write
xen_7
inv_7 xen_6 inv_6 xen_5 inv_5 xen_4 inv_4 xen_3 inv_3 xen_2 inv_2 xen_1 inv_1 xen_0 inv_0
17
WRITE
CONFIG
10001
write
go2sle
ep
16
--
10000
write
7
READ CUST
00111
read
wlsb <6:0>
gain <2:0>
nc
parity
6
RD2COS
00110
read
xen_7
inv_7 xen_6 inv_6 xen_5 inv_5 xen_4 inv_4 xen_3 inv_3 xen_2 inv_2 xen_1 inv_1 xen_0 inv_0
5
00101
read
4
RD_BOTH
00100
read
Multiturn <7:0>
angle <7:0>
3
STORE REF
00011
read
store_
ok
vdd_ok reg_s
et
nc
angle_stored <7:0>
parity
2
RD2SIN
00010
read
xen_7
inv_7 xen_6 inv_6 xen_5 inv_5 xen_4 inv_4 xen_3 inv_3 xen_2 inv_2 xen_1 inv_1 xen_0 inv_0
1
RD_MULTI
00001
read
lock
agc <5:0>
Multiturn <7:0>
parity
0
RD_ANGLE
00000
read
lock
agc <5:0>
angle <7:0>
parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com