Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 23 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 23 Page - ams AG

Back Button AS5130 Datasheet HTML 19Page - ams AG AS5130 Datasheet HTML 20Page - ams AG AS5130 Datasheet HTML 21Page - ams AG AS5130 Datasheet HTML 22Page - ams AG AS5130 Datasheet HTML 23Page - ams AG AS5130 Datasheet HTML 24Page - ams AG AS5130 Datasheet HTML 25Page - ams AG AS5130 Datasheet HTML 26Page - ams AG AS5130 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
22 - 41
AS5130
Datasheet - Detailed Descr i pti on
7.8 Reduced Power Modes
The AS5130 can be operated in three reduced power modes. All three modes have in common that they switch off or freeze parts of the chip
during intervals between measurements. In Low Power Mode or Ultra Low Power Mode, the AS5130 is not operational, but due to the fast start-
up, an angle measurement can be accomplished very quickly and the chip can be switched to reduced power immediately after a valid
measurement has been taken. Depending on the intervals between measurements, very low average power consumption can be achieved using
such a strobed measurement mode.
Low Power Mode: reduced current consumption, very fast start-up. Ideal for short sampling intervals (<3ms).
Power Cycling Mode: zero power consumption (externally switched off) during sampling intervals, but slower start-up than Polling Mode.
Ideal for sampling intervals 200ms.
Polling Mode: for reduction of the average power consumption; especially suited for battery powered applications.
7.8.1 Low Power Mode
The AS5130 can be put in Low Power Mode by simple serial commands, using the regular SSI commands. The required serial command is
WRITE CONFIG (17H, Figure 4 on page 9). The angle data is valid, as soon as the LOCK- Flag is 1 (see Table 9).
In Reduced Power Modes, the AS5130 is inactive. The last state, e.g. the angle, AGC value, etc. is frozen and the chip starts from this frozen
state when it resumes active operation. This method provides much faster start-up than a “cold start” from zero.
Figure 16. Low Power Mode and Ultra Low Power Mode Connection
1000
0.175º
10000
1.75º
Table 12. Examples of the Overall Position Error caused by Speed (includes both propagation delay and filter delay)
Speed (rpm)
Total Position Error (
Δθpd + Δθlpf)
VDD
VSS
micro
controller
AS5130
100n
VSS
+5V
VDD
CS
VDD
DCLK
DIO
VSS
AS5130
C1
S
N
Ion
Ioff
ton
toff
on/off
R1
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com