Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5130 Datasheet(PDF) 17 Page - ams AG

Part # AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Datasheet(HTML) 17 Page - ams AG

Back Button AS5130 Datasheet HTML 13Page - ams AG AS5130 Datasheet HTML 14Page - ams AG AS5130 Datasheet HTML 15Page - ams AG AS5130 Datasheet HTML 16Page - ams AG AS5130 Datasheet HTML 17Page - ams AG AS5130 Datasheet HTML 18Page - ams AG AS5130 Datasheet HTML 19Page - ams AG AS5130 Datasheet HTML 20Page - ams AG AS5130 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
16 - 41
AS5130
Datasheet - Detailed Descr i pti on
7.2.2 Commands of the SSI in Extended Mode
For programming or readout of the OTP data, the chip has to be started with DVDD at a low voltage (polling mode off or cap discharged) or the
OTP reset has to be performed. If not, the OTP is not read out and the OTP data is not available.
WRITE OTP: Writing of the OTP register. The written data is volatile. “Zero Angle” is the angle, which is set for zero position. “Wake enable”
enables the polling mode. “Sensitivity” is the gain setting in the signal path. “Redundancy is a number of bits, which allows the customer to
overwrite one of the customer OTP bits <0:11>.
PROG_OTP: Programming of the OTP register. Only Bits <0:15> can be programmed by the customer.
RD_OTP: Read out the content of the OTP register. Data written by WRITE_OTP and PROG_OTP is read out.
RD_OTP_ANA: Analog read out mode. The analog value of every OTP bit is available at pin 2 (PROG), which allows for a verification of the fuse
process. No data is available at the SSI.
Table 10. SSI in Extended Mode
#
cmd
bin
mode
<45:44>
<43:32>
<31:28>
<27:26>
<25>
<24:23>
<22:20>
<19:16>
<15:12>
<11:9>
<8>
<7:0>
31
WRITE_O
TP
11111
xt write
OTP Test
ID
OTP
lock
VREF
Hall Bias
Osc
Redundan
cy
Sensitivi
ty
Wake
enable
Zero
Angle
30
11110
xt write
29
11101
xt write
28
11100
xt write
27
11011
xt write
26
11010
xt write
25 PROG_OT
P
11001
xt write
OTP Test
ID
OTP
lock
VREF
Hall Bias
Osc
Redundan
cy
Sensitivi
ty
Wake
enable
Zero
Angle
24
11000
xt write
15
01111
xt read
OTP Test
ID
OTP
lock
VREF
Hall Bias
Osc
Redundan
cy
Sensitivi
ty
Wake
enable
Zero
Angle
14
01110
xt read
13
01101
xt read
12
01100
xt read
11
01011
xt read
10
01010
xt read
9
RD_OTP_
ANA
01001
xt read
8
01000
xt read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com