Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5134 Datasheet(PDF) 16 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 16 Page - ams AG

Back Button AS5134 Datasheet HTML 12Page - ams AG AS5134 Datasheet HTML 13Page - ams AG AS5134 Datasheet HTML 14Page - ams AG AS5134 Datasheet HTML 15Page - ams AG AS5134 Datasheet HTML 16Page - ams AG AS5134 Datasheet HTML 17Page - ams AG AS5134 Datasheet HTML 18Page - ams AG AS5134 Datasheet HTML 19Page - ams AG AS5134 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
15 - 32
AS5134
Datasheet - Detailed Descr i pti on
7.9 Brushless DC Motor Commutation Mode
The BLDC signals will be used to control the electrical angle information – according to the amount of pole pairs and the actual mechanical angle
position. Refer Figure 13 for an example of n_pole_pairs:=2. For the programming, refer to Serial Synchronous Interface (SSI) on page 18.
Figure 13. Commutation Mode
7.10 Daisy Chain Mode
The angle information from the device and the setup for the device is handled over the digital interface. A special port (Dx) can be used to
implement a daisy chain mode. Depending on the configuration, it is possible to implement a two wire or a three wire mode. In the three wire
mode, each communication starts with the rising edge of the chip select signal. The Port Dx is used to transfer the chip select information from
one device to the next. Refer to Figure 14 and Figure 15. In the two wire interface mode, a timeout logic ensures that the digital interface will be
reset if there is no clock source available for a certain time. The synchronization between the internal free running analog clock oscillator and the
external used digital clock source for the digital interface is done in a way that the digital clock frequency can vary in a wide range.
Remark: Reset for the digital interface:
3 wire mode
 via chip select
2 wire mode
 via timeout
Table 8. Programming Options for the Commutation Signals U/V/W
uvw (11:9)
Function
0
0
0
BLDC Pole Pairs : 1
 electrical angle of 60º = mechanical angle: 60º
0
0
1
BLDC Pole Pairs : 2
 electrical angle of 60º = mechanical angle: 30º
0
1
0
BLDC Pole Pairs : 3
 electrical angle of 60º = mechanical angle: 20º
0
1
1
BLDC Pole Pairs : 4
 electrical angle of 60º = mechanical angle: 15º
1
0
0
BLDC Pole Pairs : 5
 electrical angle of 60º = mechanical angle: 12º
1
0
1
BLDC Pole Pairs : 6
 electrical angle of 60º = mechanical angle: 10º
11
1
off
 LO pad U, V, W, PWM
Port
Symbol
Function
Chip Select
CS
Indicates the start of a new access cycle to the device
CS = LO
 reset of the digital interface.
DCLK
DCLK
Clock source for the communication over the digital interface. The maximum and
minimum frequency depends on the mode.
120
180
240
300
120
180
180
120
240
270
210
150
60
0
0
60
60
90
30
0
angle electrical
angle mechanical
U
V
W
pole pair : 2
electrical := mechanical*npole_pairs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com