Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5134 Datasheet(PDF) 4 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 4 Page - ams AG

  AS5134 Datasheet HTML 1Page - ams AG AS5134 Datasheet HTML 2Page - ams AG AS5134 Datasheet HTML 3Page - ams AG AS5134 Datasheet HTML 4Page - ams AG AS5134 Datasheet HTML 5Page - ams AG AS5134 Datasheet HTML 6Page - ams AG AS5134 Datasheet HTML 7Page - ams AG AS5134 Datasheet HTML 8Page - ams AG AS5134 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
3 - 32
AS5134
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Description
Prog
1
Programming voltage input, must be left open in normal operation.
Maximum load = 20pF (except during programming)
VSS
2
Supply ground
DX
3
Chip select output for 2-wire mode and Daisy Chain cascading
CS
4
Chip select input for 3-wire mode
C2
5
Select between 2-wire (C2
VDD) and 3-wire (C2 VSS) mode
PWM
6
PWM output
VDD
7
Positive supply voltage (double bond to VDD_A and VDD_D)
Test Coil
8
Test pin
DDCLK
9
Clock input for serial interface
DIO
10
Data I/O for serial interface
U11
Commutation output
V12
Commutation output
W13
Commutation output
A14
Incremental output
B15
Incremental output
Index
16
Incremental output
TB0
17
Test pin
TB1
18
Test pin
TB2
19
Test pin
TB3
20
Test pin
1
2
3
4
5
6
7
8
12
16
15
14
13
VDD
Prog
VSS
TestCoil
PWM
C2
CS
DX
TB0
TB1
B
W
U
V
11
10
9
Index
A
20
19
18
17
TB2
TB3
DCLK
DIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com