Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5134 Datasheet(PDF) 22 Page - ams AG

Part # AS5134
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5134 Datasheet(HTML) 22 Page - ams AG

Back Button AS5134 Datasheet HTML 18Page - ams AG AS5134 Datasheet HTML 19Page - ams AG AS5134 Datasheet HTML 20Page - ams AG AS5134 Datasheet HTML 21Page - ams AG AS5134 Datasheet HTML 22Page - ams AG AS5134 Datasheet HTML 23Page - ams AG AS5134 Datasheet HTML 24Page - ams AG AS5134 Datasheet HTML 25Page - ams AG AS5134 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
www.austriamicrosystems.com/AS5134
Revision 2.3
21 - 32
AS5134
Datasheet - Application In form atio n
8 Application Information
The benefits of AS5134 are as follows:

Complete system-on-chip, no angle calibration required

Flexible system solution provides absolute serial, ABI, UVW and PWM outputs

Ideal for applications in harsh environments due to magnetic sensing principle

High reliability due to non-contact sensing

Robust system, tolerant to horizontal misalignment, airgap variations, temperature variations and external magnetic fields
8.1 AS5134 Programming
The AS5134 offers the following user programmable options:

Zero Position Programming. This programming option allows the user to program any rotation angle of the magnet as the new zero
position. This useful feature simplifies the assembly process as the magnet does not need to be mechanically adjusted to the electrical zero
position. It can be assembled in any rotation angle and later matched to the mechanical zero position by zero position programming. The 8,5-bit
user programmable zero position can be applied both temporarily (command WRITE OTP, #31) or permanently (command PROG OTP, #25).

Magnetic Field Optimization. This programming option allows the user to match the vertical distance of the magnet with the optimum
magnetic field range of the AS5134 by setting the sensitivity level. The 2-bit user programmable sensitivity setting can be applied both
temporarily (command WRITE OTP, #31) or permanently (command PROG OTP, #25).
8.1.1 OTP Programming Connection
Programming of the AS5134 OTP memory does not require a dedicated programming hardware. The programming can be simply accomplished
over the serial 3-wire interface (see Figure 17) or the optional 2-wire interface (see Figure 6). For permanent programming (command PROG
OTP, #25), a constant DC voltage of 8.0-8.5V must be connected to pin 1 (PROG). For temporary OTP write (“soft write”; command WRITE OTP,
#31), the programming voltage is not required. The capacitors must be as close as possible to the pin, to ensure that a serial inductance of 50nH
is not to be exceeded. The 50nH inductance could translate into a cable length of approximately 5cm.
Figure 16. OTP Programming Connection
+5V
VDD
VDD
CS
DCLK
DIO
VSS
VSS
C2
100nF
VSS
VDD
I/O
Output
Output
PROG
8.0 – 8.5V
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com