Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 8 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 8 Page - ams AG

Back Button AS5311 Datasheet HTML 4Page - ams AG AS5311 Datasheet HTML 5Page - ams AG AS5311 Datasheet HTML 6Page - ams AG AS5311 Datasheet HTML 7Page - ams AG AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG AS5311 Datasheet HTML 10Page - ams AG AS5311 Datasheet HTML 11Page - ams AG AS5311 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
8 - 29
AS5311
Datasheet - E le c t r i ca l C h a ra c t e r is t i c s
6.4 Electrical System Specifications
Notes:
1. Integral Non-Linearity (INL) is the maximum deviation between actual position and indicated position.
2. Differential Non-Linearity (DNL) is the maximum deviation of the step length from one position to the next.
3. Transition Noise (TN) is the repeatability of an indicated position.
Table 9. Electrical System Specifications
Symbol
Parameter
Note
Min
Typ
Max
Units
RESabs
Resolution, absolute outputs
0.488 um/step (12bit / 2mm pole pair)
12
bit /
polepair
RESinc
Resolution, incremental outputs
1.95 um/step (10bit / 2mm pole pair)
10
bit /
polepair
INLopt
Integral non-linearity (optimum)
Maximum error with respect to the best line
fit. Ideal magnet
TAMB =25 °C.
± 5.6
μm
INLtemp
Integral non-linearity (over
temperature)
Maximum error with respect to the best line
fit. Ideal magnet
Tamb = -30 to +70 °C.
± 10
μm
DNL
Differential non-linearity
10bit, no missing codes
± 0.97
μm
TN
Transition noise
1 sigma
0.6
μm RMS
Von
Power-on reset thresholds:
On voltage; 300mV typ. hysteresis
DC supply voltage 3.3V (VDD3V3)
1.37
2.2
2.9
V
Voff
Power-on reset thresholds:
Off voltage; 300mV typ. hysteresis
1.08
1.9
2.6
tPwrUp
Power-up time
Until status bit OCF = 1
20
ms
tdelay
System propagation delay absolute
output
Delay of ADC, DSP and absolute interface
96
µs
tdelay
System propagation delay incremental
output
Including interpolation delay at high speeds
384
µs
fS
Internal sampling rate for absolute
output
TAMB = 25°C
9.90
10.42
10.94
kHz
TAMB = -40 to +125°C,
9.38
10.42
11.46
Hyst
Hysteresis, incremental outputs
No Hysteresis at absolute serial outputs
2
LSB
CLK
Read-out frequency
Maximum clock frequency to read out serial
data
1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com