Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 4 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 4 Page - ams AG

  AS5311 Datasheet HTML 1Page - ams AG AS5311 Datasheet HTML 2Page - ams AG AS5311 Datasheet HTML 3Page - ams AG AS5311 Datasheet HTML 4Page - ams AG AS5311 Datasheet HTML 5Page - ams AG AS5311 Datasheet HTML 6Page - ams AG AS5311 Datasheet HTML 7Page - ams AG AS5311 Datasheet HTML 8Page - ams AG AS5311 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
4 - 29
AS5311
Datasheet - P in A s s ig n me nt s
Table 1. Pin Descriptions
Pin Number
Pin Name
Pin Type
Description
1NC
-
Must be left unconnected
2
MagINCn
Digital output open
drain
Indicates “Red/Yellow/Green Range” depending on the distance between device
and magnet
3
MagDECn
Indicates “Red/Yellow/Green Range” depending on the distance between device
and magnet
4A
Digital output
Incremental output A
5B
Incremental output B
6NC
-
Must be left unconnected
7
Index
Digital output
Incremental output Index
8
VSS
Supply pin
Negative Supply Voltage (GND)
9
Prog
Digital input pull-down OTP Programming Input for factory programming. Connect to VSS.
10
NC
-
Must be left unconnected
11
NC
-
Must be left unconnected
12
DO
Digital output /tri-state Data Output of Synchronous Serial Interface
13
CLK
Digital input,
Schmitt-Trigger input
Clock Input of Synchronous Serial Interface; Schmitt-Trigger input
14
CSn
Digital input pull-up,
Schmitt-Trigger input
Chip Select, active low; Schmitt-Trigger input, internal pull-up resistor (~50kW).
Must be low to enable incremental outputs
15
PWM
Digital output
Pulse Width Modulation of approx. 244Hz; 1µs/step
16
NC
-
Must be left unconnected
17
NC
-
Must be left unconnected
18
VDD3V3
Supply pin
3V-Regulator output; internally regulated from VDD5V.
Connect to VDD5V for 3V supply voltage. Do not load externally.
19
VDD5V
Positive Supply Voltage, 3.0 to 5.5 V
20
NC
-
Must be left unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com