Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5311 Datasheet(PDF) 15 Page - ams AG

Part # AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Datasheet(HTML) 15 Page - ams AG

Back Button AS5311 Datasheet HTML 11Page - ams AG AS5311 Datasheet HTML 12Page - ams AG AS5311 Datasheet HTML 13Page - ams AG AS5311 Datasheet HTML 14Page - ams AG AS5311 Datasheet HTML 15Page - ams AG AS5311 Datasheet HTML 16Page - ams AG AS5311 Datasheet HTML 17Page - ams AG AS5311 Datasheet HTML 18Page - ams AG AS5311 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
15 - 29
AS5311
Datasheet - D e t a il e d D es c r i pt io n
7.6 Pulse Width Modulation (PWM) Output
The AS5311 provides a pulse width modulated output (PWM), whose duty cycle is proportional to the relative linear position of the magnet within
one pole pair (2.0mm). This cycle repeats after every subsequent pole pair:
(EQ 1)
for digital position = 0 – 4094
Exception: A linear position of 1999.5µm = digital position 4095 will generate a pulse width of ton = 4097µs and a pause toff = 1µs
The PWM frequency is internally trimmed to an accuracy of ±5% (±10% over full temperature range). This tolerance can be cancelled by
measuring the complete duty cycle as shown above.
11
0
20 hex-
5F hex
On
Off
YELLOW range: magnetic field is ~3.4…54.5mT.
The AS5311 may still be operated in this range, but with slightly reduced
accuracy.
11
1
<20 hex
>5F hex
On
On
RED range: magnetic field is <3.4mT (MAG <20) or >54.5mT (MAG >5F).
It is still possible to operate the AS5311 in the red range, but not
recommended.
All other combinations
n/a
n/a
Not available
1. Pin 2 (MagINCn) and Pin 3 (MagDECn)
Table 13. Magnetic Field Strength Red-Yellow-Green Indicators
Status Bits
MAG
Hardware Pins
1
MagINC MagDEC
LIN
M11…M4 MagINCn MagDECn
Description
() 1
4098 −
+
⋅
=
off
on
on
t
t
t
Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com