Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 9 Page - ams AG

Part # AS7620
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 9 Page - ams AG

Back Button AS7620_13 Datasheet HTML 5Page - ams AG AS7620_13 Datasheet HTML 6Page - ams AG AS7620_13 Datasheet HTML 7Page - ams AG AS7620_13 Datasheet HTML 8Page - ams AG AS7620_13 Datasheet HTML 9Page - ams AG AS7620_13 Datasheet HTML 10Page - ams AG AS7620_13 Datasheet HTML 11Page - ams AG AS7620_13 Datasheet HTML 12Page - ams AG AS7620_13 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.ams.com/DC-DC_Step-Up/AS7620
Revision 1.18
9 - 16
AS7620
Datasheet - D e t a i l e d D e s c r i p t i o n
8.4 VOUT Selection
The AS7620-B features a 3.3V fixed output voltage. The AS7620-A provides an adjustable output from 1.2V (VREF) up to virtually VIN (see
100% Duty Cycle Operation on page 11). To select the desired VOUT, the related resistor divider has to be tuned according to the following
formula:
(EQ 1)
Where:
Rh is the high side resistor of the output divider
Rl is the resistor of the output divider
Note:
It is suggested to select resistors in the range of hundreds of k
Ω in order to limit the current consumption.
8.5 Current Limit
The current is sensed during the on time of the internal PMOS. Three different current limit thresholds can be selected by the ILIM pin:
1. 240mA (typ) ILIM shorted to GND
2. 720mA (typ) ILIM shorted to VOUT (from 1.5V to 3.6V)
3. 1000mA (typ) ILIM floating
This threshold is intended as peak current limit. If the current reaches the threshold during the on time, the PMOS is turned off and it will be
turned on again only when the current approaches 0A and the feedback voltage is equal or lower than VREF. The maximum output current is
ILIM/2.
8.6 Switching Frequency
The switching frequency (fsw) changes according to the application conditions and, in particular, to the output current in order to optimize the
efficiency in any load condition. Anyway, it is always possible to estimate the fsw during the design process. As described in the Regulation (refer
to page 8) – the converter always works in DCM and, normally, the peak current into the inductor is the CL threshold (ILIM). The average of the
inductor current must be equal to the output current. The following formula provides the relationship between inductor current and output current:
IOUT =
(EQ 2)
Consequently, the fsw can be expressed as following:
(EQ 3)
Figure 18. Chart Illustrating the Fsw vs. IOUT in a Standard Application (VIN=24V, VOUT=3.3V, L=10µH, ILIM=1A)
V
OUT
V
REF
1
Rh
Rl
-------
+
•
=
1
Tsw
----------
1
2
---
ILIM
2
L
•
V
IN
•
V
IN
V
OUT
–
(
) V
OUT
•
--------------------------------------------------
•
•
Fsw
2
I
OUT
•
V
IN
V
OUT
–
(
) V
OUT
•
•
ILIM
2
L
•
V
IN
•
----------------------------------------------------------------------------
=
Fsw vs. Iout
0
50
100
150
200
250
300
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
Iout (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com