Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 4 Page - ams AG

Part # AS7620
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 4 Page - ams AG

  AS7620_13 Datasheet HTML 1Page - ams AG AS7620_13 Datasheet HTML 2Page - ams AG AS7620_13 Datasheet HTML 3Page - ams AG AS7620_13 Datasheet HTML 4Page - ams AG AS7620_13 Datasheet HTML 5Page - ams AG AS7620_13 Datasheet HTML 6Page - ams AG AS7620_13 Datasheet HTML 7Page - ams AG AS7620_13 Datasheet HTML 8Page - ams AG AS7620_13 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.ams.com/DC-DC_Step-Up/AS7620
Revision 1.18
4 - 16
AS7620
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VOUT=3.3V, LX=10µH, CX=100µF, typical values at VIN= +24V and TAMB= +25ºC (unless otherwise specified). All limits are guaranteed. The
parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating Temperature Range
-40
85
ºC
TJ
Operating Junction Temperature
-40
125
ºC
VIN
Input Voltage Range
3.6
24
32
V
VCC
VEPF, ILIM
-0.3
3.6
V
VST
Start-up Voltage
3.3
V
VOUT
Output Voltage
AS7620-A
1.19
VIN
V
AS7620-B
Initial, at 25ºC amb.
3.267
3.300
3.333
V
Over line, load and temperature
3.218
3.383
VFB
Feedback voltage
AS7620-A
Initial, at 25ºC amb.
1.178
1.190
1.202
V
Over line and temperature
1.166
1.214
V
AS7620-B
3.218
3.300
3.383
VHYS
Controller Hysteresis
AS7620-A
At FB node
8
15
30
mV
AS7620-B
22
42
82
VEPF
Early Power Fail Threshold
at VEPF
1.19
V
VPG
Power Good Threshold
of VFB at FB pin
91
93
95
%
Line Regulation
VIN=8V to 24V, RL=200Ω
0.1
% / V
Load Regulation
10% to 90% load change
0.9
%
IFB
Input Bias Current
AS7620-A
FB pin
200
nA
AS7620-B
3
5
µA
IOUT
Output Current
ILIM/2
mA
ILIM
Switch Current Limit
ILIM=0V
1
1. LX=100µH, CX=10µF, Initial accuracy only. For temperature variation, please refer to performance graphs.
192
240
288
mA
ILIM=VOUT
2
2. VOUT from 1.5V to 3.6V
576
720
864
ILIM=open
800
1000
1200
P-Channel on resistance
0.4
0.8
Ω
Maximum Duty Cycle
At VIN=3.6V
100
%
tON
Minimum On-Time
Current limit is not attained to turn off the
switch before the minimum on-time expired
8
10
12
µs
tOFF
Minimum Off-Time
0.22
0.42
0.62
µs
IQ
Quiescent Current
Non-switching
30
45
µA
IOUT=500µA
37
µA
ISHDN
Shutdown Current
TAMB= +25ºC
1
5
µA
VLO
Shutdown Threshold
SHDN
1
V
IIBN
Logic Input Bias Current
SHDN
1
µA
TSHDN
Shutdown Temperature
160
ºC
TSHDN Hysteresis
10
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com