Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7620 Datasheet(PDF) 1 Page - ams AG

Part # AS7620
Description  650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7620 Datasheet(HTML) 1 Page - ams AG

  AS7620_13 Datasheet HTML 1Page - ams AG AS7620_13 Datasheet HTML 2Page - ams AG AS7620_13 Datasheet HTML 3Page - ams AG AS7620_13 Datasheet HTML 4Page - ams AG AS7620_13 Datasheet HTML 5Page - ams AG AS7620_13 Datasheet HTML 6Page - ams AG AS7620_13 Datasheet HTML 7Page - ams AG AS7620_13 Datasheet HTML 8Page - ams AG AS7620_13 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ams.com/DC-DC_Step-Up/AS7620
Revision 1.18
1 - 16
A S 7 6 2 0
6 5 0 m A , U l t r a l o w R i p p l e S t e p D o w n D C / D C C o n v e r t e r
1 General Description
The AS7620 is an easy-to-use, high-efficiency, high-voltage,
hysteretic step-down DC-DC converter, operating in asynchronous
mode. Its low-power architecture extends hold-up time in battery-
backed and critical applications where maximum up-time over a wide
input supply voltage range is needed, while still providing for high
efficiencies of up to 90% during peak current demands.
Although the AS7620 is optimized for 24V applications found in
industrial and medical systems, its ability to support 100% Duty
Cycle makes the AS7620 ideal for applications demanding maximum
up-time and soft power fail behavior. In combination with low idle
current of only 30µA, on-demand switching reduces operating
current at low load currents.
By selecting an appropriate inductor value, operating current can be
lowered and switching frequencies tuned to certain load conditions.
A pin-strapped current limit input minimizes inductor peak current
and thus inductor size and cost for any given application.
The device further includes output short-circuit protection and
thermal shutdown. In shutdown mode, only 1µA (typ) of current is
consumed.
Figure 1. AS7620 - Block Diagram
2 Key Features
Low quiescent current for efficient partial load operation
Wide Supply Voltage Range, 3.6V to 32V
100% Duty Cycle extends operating range
Pin-programmable cycle-by-cycle current limit
Integrated PMOS eliminates bootstrap capacitor
Resistor-programmable Early Power Fail Warning Input
Power-Good Flag
Thermal Shutdown
Fixed 3.3V and adjustable output (1.2V to VIN)
Small 4x4mm 12-Lead MLPQ Enhanced Power Package
Specified from -40ºC to +125ºC junction and 85ºC maximum
ambient temperatures
3 Applications
The AS7620 is suitable for Industrial 24VDC applications like PLCs,
robotics; Home Security and Building Control applications; Solid-
state utility meters; Signage and LED column power; and Sensor
interfaces.
+
-
+
-
+
-
LX
ILIM
PG
PF
VIN
SHDN
FB
VEPF
LDO
Temp
Level
Shifter
Soft-Start
ISENSE
VREF
Hysteretic
Controller
AS7620


Similar Part No. - AS7620_13

ManufacturerPart #DatasheetDescription
logo
ams AG
AS7620 AMSCO-AS7620_1 Datasheet
1Mb / 16P
500mA Hysteretic High Voltage Step-Down Converter with Dual Power Monitor
More results

Similar Description - AS7620_13

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
650mA, Step Down DC/DC Converter for Portable Applications
AS1334 AMSCO-AS1334 Datasheet
1Mb / 17P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1312 AMSCO-AS1312 Datasheet
577Kb / 20P
Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
AS1324 AMSCO-AS1324_13 Datasheet
1Mb / 21P
1.5MHz, 600mA Synchronous DC/DC Conver ter
AS1330 AMSCO-AS1330_12 Datasheet
1Mb / 18P
4MHz, Low Vol tage, DC-DC Step-Up Conver ter
AS1334 AMSCO-AS1334_07 Datasheet
932Kb / 19P
650mA, Ultra low Ripple Step Down DC/DC Converter
AS1341 AMSCO-AS1341_13 Datasheet
990Kb / 18P
650mA, Ul t ra low Ripple Step Down DC/DC Conver ter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
650mA Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com