Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 14 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 14 Page - ams AG

Back Button AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG AS8202NF Datasheet HTML 16Page - ams AG AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
13
Synchronous READYB Generation
Figure 5. Synchronous READYB Timing
Synchronous READYB is aligned to host clock (with pulse duration of one host clock cycle) to
fulfill the required host timing constraints for input setup and input hold time to/after host clock
rising edge.
Note:
Connect USE_RAM_CLK to VDD and RAM_CLK_TESTSE to the host processor's bus clock to enable this mode of operation. Due to possible
metastability occurrence, it is not recommended to be used in safety critical systems.
8.2.
Reset and Oscillator
Pin Name
Mode
Comment
XIN0
analog
main oscillator input (external clock input)
XOUT0
analog
main oscillator output
XIN1
analog
bus guardian oscillator input (external clock input)
XOUT1
analog
bus guardian oscillator output
PLLOFF
in
PLL disable
RESETB
in
external reset
External Reset Signal
To issue a reset of the chip the RESETB port has to be driven low for at least 1 us. Pulses
under 50 ns duration are discarded. At power-up the reset must overlap the build-up time of the
power supply.
Integrated Power-On Reset
The Device has an internal Power-On Reset generator. When supply voltage ramps up, the
internal reset signal is kept active (low) for 33 µs typical.
Parameter
Symbol
Min
Typ
Max
Unit
supply voltage slope
dV/dt
551
-
-
V/ms
power on reset active time after VDD > 1,0V
tpores
25
33
49
µs
Note 1: In case of non-compliance keep the external reset (RESETB) active for min. 5 ms after supply voltage is valid and oscillator inputs active.
Oscillator Circuitry
The internal oscillators for main and bus guardian clock require external quartzes or external
oscillators. The main clock features a PLL multiplying a 10 MHz XIN0/XOUT0 oscillation to an
internal frequency of 40 MHz when enabled.
asynchronous READYB
RAM_CLK_TESTSE
synchronous READYB
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com