Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 5 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 5 Page - ams AG

  AS8202NF Datasheet HTML 1Page - ams AG AS8202NF Datasheet HTML 2Page - ams AG AS8202NF Datasheet HTML 3Page - ams AG AS8202NF Datasheet HTML 4Page - ams AG AS8202NF Datasheet HTML 5Page - ams AG AS8202NF Datasheet HTML 6Page - ams AG AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
4
1 . Ge n e r a l D e s c r i p t i o n
The AS8202NF communication controller is an integrated device supporting serial
communication according to the TTP® specification version 1.1. It performs all communication
tasks such as reception and transmission of messages in a TTP cluster without interaction of
the host CPU. TTP provides mechanisms that allow the deployment in high-dependability
distributed real-time systems. It provides the following services:
• Predictable transmission of messages with minimal jitter
• Fault-tolerant distributed clock synchronization
• Consistent membership service with small delay
• Masking of single faults
The CNI (communication network interface) forms a temporal firewall. It decouples the
controller network from the host subsystem by use of a dual ported RAM (CNI). This prevents
the propagation of control errors. The interface to the host CPU is implemented as a 16-bit wide
non-multiplexed asynchronous bus interface.
TTP follows a conflict-free media access strategy called time division multiple access (TDMA).
This means, TTP deploys a time slot technique based on a global time that is permanently
synchronized. Each node is assigned a time slot in which it is allowed to perform transmit
operation. The sequence of time slots is called TDMA round, a set of TDMA rounds forms a
cluster cycle. The operation of the network is repeated after one cluster cycle. The sequence of
interactions forming the cluster cycle is defined in a static time schedule, called message
descriptor list (MEDL). The definition of the MEDL in conjunction with the global time
determines the response time for a service request.
The membership of all nodes in the network is evaluated by the communications controller.
This information is presented to all correct cluster members in a consistent fashion. During
operation, the status of all other nodes is propagated within one TDMA round. Please read
more about TTP and request the TTP specification at www.tttech.com.
RXD[1:0]
RXCLK[1:0]
RXDV[1:0]
RXER[1:0]
XIN1
XOUT1
TXD[1:0]
CTS[1:0]
TXCLK[1:0]
RAM_CLK
_TESTSE
FTEST
STEST
FIDIS
TTEST
D[15:0]
A[11:0]
CEB
OEB
WEB
READYB
INTB
LED[2:0]
RAM_CLK_TESTSE
USE_RAM_CLK
XIN0
XOUT0
PLLOFF
RESETB
Quartz or
Oscillator
Communi-
cation
network
interface
(CNI)
---------------------
Network
configuration
memory
(MEDL)
TTP
protocol
processor core
Instruction
memory
RAM & ROM
Test
Interface
TTP Bus
Media
Drivers
Bus
guardian
Receiver
Transmitter
Reset & time
base
Host
Processor
Interface
Test
Inter-
face
Figure 1. AS8202NF Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com