Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8202NF Datasheet(PDF) 22 Page - ams AG

Part # AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Datasheet(HTML) 22 Page - ams AG

Back Button AS8202NF Datasheet HTML 17Page - ams AG AS8202NF Datasheet HTML 18Page - ams AG AS8202NF Datasheet HTML 19Page - ams AG AS8202NF Datasheet HTML 20Page - ams AG AS8202NF Datasheet HTML 21Page - ams AG AS8202NF Datasheet HTML 22Page - ams AG AS8202NF Datasheet HTML 23Page - ams AG AS8202NF Datasheet HTML 24Page - ams AG AS8202NF Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
21
Ap p e n d i x
Feature Comparison
Feature
C2
AS8202
C2NF
AS8202NF
Conformance with TTP
Specification Version 1.0.
yes
yes
TTP controller
RISC CPU
(PCU)
RISC CPU
(PCU)
Firmware on Chip
yes
(Flash)
no1
Data load phase at power-on
no
(MEDL in Flash)
yes
(MEDL in RAM)
Interface to TTP Physical Layer
- asynch.
- synch.(MII)
- asynch.
- synch.(MII)
TTP Bus data coding
(asynchronous interface)
MFM
MFM
Manchester
IFG (Inter Frame Gap)
45µs
23µs
Interface to Host CPU
16 Bit
16 Bit
Supported Host CPU Bus Type
Intel
Intel
Host CPU access speed
(without “read ahead”)
<250ns
<150ns
(Intel)
Read ahead / Posted write
no
yes (access time
<100ns)
CNI-RAM configuration
fixed
configurable
(4kB to 28kB in 4kB
steps)
MEDL check method
one CRC
(firmware)
„block“ CRC
(firmware)
Instruction RAM (I-RAM) check
Method
once
(firmware)
Parity Bit
(+firmware)
Support for X-Frames
yes
yes
Baudrate on TTP Bus
asynchronous mode
synchronous mode
up to 5MBd
25MBd
up to 5MBd
up to 25MBd
Process
0,35µ
CMOS+Flash
0,35µ
CMOS
SRAM
12kByte
40kByte
ROM
8kByte
32kByte1
Flash
32kByte
-
Power supply
3,3V
3,3V
Temperature range (°C)
0 to +70
-40 to +125
Package
LQFP80
LQFP80
Note 1: The chip is designed to allow inclusion of a stable protocol code (or customized protocol code) into the ROM by changing the ROM mask in the
production process. This would eliminate the need of loading the protocol firmware code into the instruction code RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com