Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 13 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 13 Page - ams AG

Back Button AS8510_10 Datasheet HTML 9Page - ams AG AS8510_10 Datasheet HTML 10Page - ams AG AS8510_10 Datasheet HTML 11Page - ams AG AS8510_10 Datasheet HTML 12Page - ams AG AS8510_10 Datasheet HTML 13Page - ams AG AS8510_10 Datasheet HTML 14Page - ams AG AS8510_10 Datasheet HTML 15Page - ams AG AS8510_10 Datasheet HTML 16Page - ams AG AS8510_10 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
12 - 46
AS8510
Datasheet - Electrical Character i s t ics
6.4.3 Sigma Delta Analog to Digital Converter
Notes:
1. Production test at ±800mV. Maximum VIN can be 1.22V with VREF=1.225V.
2. Programmable. It is defined with respect to the first decimator in the
ΣΔ ADC.
3. Programmable: Internal clock is 1024/2048 kHz; external clock max is 8192 kHz.
4. Dependent on fovs, R1 and R2. The bandwidth is calculated according to the formula:
BW=fovs/(2*R1*R2); the sampling frequency at the output of the A/D converter is 2*BW.
5. Defined at maximum input signal, BW=500 Hz (1Hz to 500 Hz), fovs=1024 kHz, R1=64, fchop=2 kHz and R2=2.
6. Reference voltage might be forced from external.
6.4.4 Bandgap Reference Voltage
Notes:
1. Accuracy at 65ºC.
2. No DC current is allowed from this pin.
3. This is a design parameter and not production tested.
Table 17. Sigma Delta Analog to Digital Converter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VREF
Reference voltage
6
1.225
V
VINADC
Input range
1
At Vref = 1.22V
0±1.22
V
R1
Oversampling ratio/Decimation Ratio
2
64
128
128
fovs
Oversampling frequency
3
1024/
2048
kHz
RES
Number of bits
16
bits
BW
Bandwidth
4
1
500
Hz
S/N
Signal to noise ratio
5
90
dB
Table 18. Bandgap Reference Voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
REFTRIM
Reference Voltage after trim
1, 2
Trim at 65ºC
1.225
V
VREFACC
Reference Voltage Initial Accuracy
1, 2
At 65ºC
±3.5
mV
VREFDRIFT
Reference Voltage Temperature drift
Temperature range
-20 to 65 ºC
±0.4
%
Temperature range
-40 to 125 ºC
+0.4/
-0.6
%
PSRRREF
PSR @ dc
80
dB
SUTAVDD
Start Up Time with supply ramp
3
5ms
SUTPD
Start Up Time from power down
3
1ms
RNDVREF
Output resistance of band gap
500
1000
Ω
VNDVREF
Bandgap reference thermal noise density
3
300
nV/
√Hz
CLVREF
Output Capacitor (Ceramic)
100
nF
ESRVREF
0.02
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com