Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8510 Datasheet(PDF) 21 Page - ams AG

Part # AS8510
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8510 Datasheet(HTML) 21 Page - ams AG

Back Button AS8510_10 Datasheet HTML 17Page - ams AG AS8510_10 Datasheet HTML 18Page - ams AG AS8510_10 Datasheet HTML 19Page - ams AG AS8510_10 Datasheet HTML 20Page - ams AG AS8510_10 Datasheet HTML 21Page - ams AG AS8510_10 Datasheet HTML 22Page - ams AG AS8510_10 Datasheet HTML 23Page - ams AG AS8510_10 Datasheet HTML 24Page - ams AG AS8510_10 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
20 - 46
AS8510
Datasheet - Detailed Descr i p ti on
Figure 6. Normal Mode 2
7.4.3 Standby Mode1 (SBM1)
The low-power Standby Mode can be entered only through the STOP state. Transition to SBM1 mode occurs when the “START BIT” D0 of Mode
Control register MOD_CTL_REG in Table 33 is set to “1” and Mode Control Bits to “10” through SPI. In this mode the date rate is programmable
with the time of Ta. An interrupt signal is generated on INT at the rate of Ta secs., and with a pulse width of eight cycles of lp_clk. The data is
stable up to the next interrupt. The functionality is illustrated in Figure. During the period of Ta, only one data sample is made available and,
during the rest of the period, the device is maintained in STOP state to reduce power consumption. The microcontroller which receives the data
on the Interrupt, is also expected to be processing the data for a short time as shown clearly in the Figure 7 to ensure the overall low-power
consumption of the data acquisition and processing system.
Figure 7. Standby Mode 1
IDD
t
TMC
TMC
Sampling with f
ITHS
I
V,I,T
V,I,T
V,I,T
I > ITHS
V,I,T
V,I,T
I < I THS
INT
T INT
MCU
ADC
t
T
Start SBM1
Ta
sec.
Ta sec.
Ta
sec.
I DD
V, I, T
T
T
V, I, T
MCU
conv
conv
conv
MCU
INT
Channel
DATA Register
DATA – A1
DATA – A0
DATA – A2
DATA – A3
TINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com